Electronic Components Datasheet Search
  English  ▼

X  

RF2460 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2460
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2460 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2460 Datasheet HTML 1Page - RF Micro Devices RF2460 Datasheet HTML 2Page - RF Micro Devices RF2460 Datasheet HTML 3Page - RF Micro Devices RF2460 Datasheet HTML 4Page - RF Micro Devices RF2460 Datasheet HTML 5Page - RF Micro Devices RF2460 Datasheet HTML 6Page - RF Micro Devices RF2460 Datasheet HTML 7Page - RF Micro Devices RF2460 Datasheet HTML 8Page - RF Micro Devices RF2460 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Preliminary
8-34
RF2460
Rev A7 010912
8
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.0
VDC
Input LO and RF Levels
+6
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T= 25°C, VCC=2.75V, RF=1.96GHz,
LO= 2170MHz@-7dBm, IF= 210MHz
RF Frequency Range
1500 to 2200
MHz
LO Frequency Range
1200 to 2600
MHz
IF Frequency Range
0.1 to 250
MHz
Bias Current
2.5
2.8
mA
LNA, mixer and preamp for bias circuitry.
LNA
Gain
13.5
15.0
dB
Noise Figure
1.4
1.8
dB
Input IP3
+6.0
+7.0
dBm
IIP3 is adjustable (see plots for setting).
ISET1 (pin 14) external resistor sets current
consumption and performance.
Input VSWR
2:1
Output VSWR
2:1
Current at Input IP3
7
7.5
mA
LNA Bypass
Gain
-6
-5
dB
Noise Figure
5
5.5
dB
Input IP3
+23.0
+26.0
dBm
Input VSWR
2:1
Output VSWR
2:1
Current
0
mA
Mixer - High Gain Mode
1k
Ω balanced load.
Gain
10
12
dB
Noise Figure
6.5
7.5
dB
Input IP3
+3.0
+4.0
dBm
IIP3 is adjustable (see plots for setting).
RF to IF Isolation
>45
dB
ISET2 (pin 13) external resistor sets current
consumption and performance.
Input VSWR
2:1
Output VSWR
2:1
Current
12
13
mA
Mixer - Low Gain Mode
1k
Ω balanced load.
Gain
0
1.5
dB
Noise Figure
15
16
dB
Input IP3
+13.0
+14.0
dBm
IIP3 is adjustable
RF to IF Isolation
>45
dB
ISET2 (pin 13) external resistor sets current
consumption and performance.
Input VSWR
2:1
Output VSWR
2:1
Current
7.5
8.0
mA
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com