Electronic Components Datasheet Search
  English  ▼

X  

RF2460 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2460
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2460 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2460 Datasheet HTML 4Page - RF Micro Devices RF2460 Datasheet HTML 5Page - RF Micro Devices RF2460 Datasheet HTML 6Page - RF Micro Devices RF2460 Datasheet HTML 7Page - RF Micro Devices RF2460 Datasheet HTML 8Page - RF Micro Devices RF2460 Datasheet HTML 9Page - RF Micro Devices RF2460 Datasheet HTML 10Page - RF Micro Devices RF2460 Datasheet HTML 11Page - RF Micro Devices RF2460 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Preliminary
8-40
RF2460
Rev A7 010912
8
Application Schematic - W-CDMA
(See W-CDMA charts for lab measurements at the end of the data sheet)
19
18
17
16
14
13
12
10
9
8
7
5
4
3
2
1
*
*
*
*
20
6
11
15
ENABLE
VCC1
VCC2
50
Ωµstrip
R1
82
Ω
L2
7.5 nH
50
Ωµstrip
50
Ωµstrip
C7
4.3 pF
C8
4.3 pF
50
Ωµstrip
50
Ωµstrip
C9
4.3 pF
L4
82 nH
R2
DNI
50
Ωµstrip
L3
150 nH
C5
0.1
µF
VCC1
C6
5.6 pF
50
Ωµstrip
L5
1.0 nH
50
Ωµstrip
C10
0.1
µF
50
Ωµstrip
L6
47 nH
R3
9.1 k
Ω
R6
18 k
Ω
50
Ωµstrip
L7
2.0 nH
C11
22 pF
50
Ωµstrip
L8
19 nH
R4
510
Ω
R5
10
Ω
C12
0.1
µF
VCC1
MIX_GAIN
LNA_GAIN
50
Ωµstrip
C2
0.1
µF
50
Ωµstrip
L1
10 nH
RF2460PCBA-U WCDMA
RF @ 2.14 GHz, LO @ 2.33 GHz, IF @ 190 MHz
IF=190 MHz
C3
0.1
µF
VCC1
C4
0.1
µF
VCC2
C2 andC3shouldbeplacedas
closely as possible to pins 2 and 3
P1
1
2
3
CON3
P1-1
VCC1
GND
C1
1
µF
+
P1-3
C13
1
µF
+
LO IN
LNA IN
LNA OUT
MIX IN
IF OUT
P2
1
2
3
CON3
P2-1
ENABLE
LNA_GAIN
P2-3
MIX_GAIN
P2-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com