Electronic Components Datasheet Search
  English  ▼

X  

RF2460 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2460
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2460 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2460 Datasheet HTML 5Page - RF Micro Devices RF2460 Datasheet HTML 6Page - RF Micro Devices RF2460 Datasheet HTML 7Page - RF Micro Devices RF2460 Datasheet HTML 8Page - RF Micro Devices RF2460 Datasheet HTML 9Page - RF Micro Devices RF2460 Datasheet HTML 10Page - RF Micro Devices RF2460 Datasheet HTML 11Page - RF Micro Devices RF2460 Datasheet HTML 12Page - RF Micro Devices RF2460 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Preliminary
8-41
RF2460
Rev A7 010912
8
Application Schematic - GPS
RF=1575MHz, IF=184MHz, LO=1759MHz
ENABLE
50
Ωµstrip
82
Ω
7.5 nH
LNA GAIN
MIX GAIN
50
Ωµstrip
50
Ωµstrip
4pF
5pF
50
Ωµstrip
50
Ωµstrip
50
Ωµstrip
4pF
82 nH
50
Ωµstrip
.1 uF
***323 pS electrical delay***
***0.03 dB line loss***
1.8 nH
50
Ωµstrip
33 nF
50
Ωµstrip
50
Ωµstrip
10 nH
***397 pS electrical delay***
***0.26 dB line loss***
9.1 k
Ω
8.2 k
Ω
50
Ωµstrip
5.6 nH
22 pF
50
Ωµstrip
***359 pS electrical delay***
***0.23 dB line loss***
10 nH
DNP
10
Ω
0.1 uF
50
Ωµstrip
6pF
50
Ωµstrip
4.7 nH
50
Ωµstrip
***C2 & C3 should be placed as
closeaspossibletopins2& 3***
***390 pS electrical delay***
***0.28 dB line loss***
***439 pS electrical delay***
***0.33 dB line loss***
19
18
17
16
14
13
12
10
9
8
7
5
4
3
2
1
*
*
*
*
20
6
11
15
* Represents "GND".
3pF
150 nH
3k
Ω
VCC1
VCC2
IF OUT
V
CC1
LO IN
LNA IN
V
CC1
LNA OUT
MIX IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com