Electronic Components Datasheet Search
  English  ▼

X  

RF2460 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF2460
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2460 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF2460 Datasheet HTML 7Page - RF Micro Devices RF2460 Datasheet HTML 8Page - RF Micro Devices RF2460 Datasheet HTML 9Page - RF Micro Devices RF2460 Datasheet HTML 10Page - RF Micro Devices RF2460 Datasheet HTML 11Page - RF Micro Devices RF2460 Datasheet HTML 12Page - RF Micro Devices RF2460 Datasheet HTML 13Page - RF Micro Devices RF2460 Datasheet HTML 14Page - RF Micro Devices RF2460 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Preliminary
8-43
RF2460
Rev A7 010912
8
Evaluation Board Schematic
US-PCS, IF=210MHz
(Download Bill of Materials from www.rfmd.com.)
ENABLE
R1
82
Ω
L2
7.5 nH
J2
LO IN
LNA GAIN
MIX GAIN
C7
4pF
C6
6pF
J3
IF OUT
R2
4.7 k
Ω
C9
4pF
L3
110 nH
VCC1
C5
0.1
µF
***323 pS electrical delay***
***0.03 dB line loss***
C10
0.1
µF
L6
47 nH
J4
MIX IN
***397 pS electrical delay***
***0.26 dB line loss***
R3
9.1 k
Ω
R6
18 k
Ω
L7
2nH
J5
LNA OUT
***359 pS electrical delay***
***0.23 dB line loss***
L8
19 nH
R4
510
Ω
R5
10
Ω
C12
0.1
µF
VCC1
C2
0.1
µF
J1
LNA IN
***C3 and C4 should be placed as
close as possible to pins 2 and 3***
***390 pS electrical delay***
***0.28 dB line loss***
***439 pS electrical delay***
***0.33 dB line loss***
19
18
17
16
14
13
12
10
9
8
7
5
4
3
2
1
*
*
*
*
20
6
11
15
* Represents "GND".
P2
1
2
3
CON3
P2-3
MIX GAIN
P2-2
LNA GAIN
P2-1
ENABLE
L4
82 nH
C8
3pF
P1
1
2
3
CON3
GND
P1-1
C1
0.1
µF
VCC1
P1-3
C13
0.1
µF
VCC2
VCC1
VCC1
L5
1nH
C3
0.1
µF
C4
0.1
µF
L1
10 nH
C11
22 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com