Electronic Components Datasheet Search
  English  ▼

X  

RF2460 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2460
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2460 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2460 Datasheet HTML 1Page - RF Micro Devices RF2460 Datasheet HTML 2Page - RF Micro Devices RF2460 Datasheet HTML 3Page - RF Micro Devices RF2460 Datasheet HTML 4Page - RF Micro Devices RF2460 Datasheet HTML 5Page - RF Micro Devices RF2460 Datasheet HTML 6Page - RF Micro Devices RF2460 Datasheet HTML 7Page - RF Micro Devices RF2460 Datasheet HTML 8Page - RF Micro Devices RF2460 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Preliminary
8-35
RF2460
Rev A7 010912
8
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
GPS - LNA
Gain
16
dB
Noise Figure
1.4
dB
Input IP3
+7.0
dBm
IIP3 is adjustable. ISET1 (pin 14) external
resistor sets current consumption and per-
formance.
Current at Input IP3
7
mA
GPS - Mixer
Gain
17
dB
Noise Figure
6
dB
Input IP3
-5.0
dBm
IIP3 is adjustable. ISET1 (pin 14) external
resistor sets current consumption and per-
formance.
Current at Input IP3
16
mA
GPS - Cascaded
Gain
31
dB
Noise Figure
2.0
dB
Input IP3
-1.0
dBm
IIP3 is adjustable. ISET1 (pin 14) external
resistor sets current consumption and per-
formance.
Current at Input IP3
23
mA
Local Oscillator Input
Input Level
-10
-7
0
dBm
LO to RF Isolation
>40
dB
Any gain state.
LO to LNA Isolation
>60
dB
Any gain state.
LO Current Buffer
4.5
5.0
mA
ICC2 when LO signal is present
Cascade -
LNA High/Mixer High
LNA High Gain/Mixer High Gain
Assuming 3dB loss of filter
Gain
24
dB
IF 1, 1k
Ω balanced load.
Noise Figure
2.2
dB
Input IP3
-8.0
dBm
Single sideband.
Total Current
26
mA
Cascade -
LNA High/Mixer Low
LNA High Gain/Mixer Low Gain
Assuming 3dB loss of filter
Gain
13.5
dB
IF 1, 1k
Ω balanced load.
Noise Figure
5.3
dB
Input IP3
+1.0
dBm
Single sideband.
Total Current
21
mA
Cascade -
LNA Low/Mixer High
LNA Low Gain/Mixer High Gain
Assuming 3dB loss of filter
Gain
4
dB
IF 1, 1k
Ω balanced load.
Noise Figure
14.5
dB
Input IP3
+12.0
dB
Single sideband.
Total Current
19
mA
Cascade -
LNA Low/Mixer Low
LNA Low Gain/Mixer Low Gain
Assuming 3dB loss of filter
Gain
-6.5
dB
IF 1, 1k
Ω balanced load.
Noise Figure
23
dB
Input IP3
+20.5
dB
Single sideband.
Total Current
14
mA
Power Supply
Voltage
2.7
3.0
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com