Electronic Components Datasheet Search
  English  ▼

X  

RF2460 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2460
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2460 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2460 Datasheet HTML 1Page - RF Micro Devices RF2460 Datasheet HTML 2Page - RF Micro Devices RF2460 Datasheet HTML 3Page - RF Micro Devices RF2460 Datasheet HTML 4Page - RF Micro Devices RF2460 Datasheet HTML 5Page - RF Micro Devices RF2460 Datasheet HTML 6Page - RF Micro Devices RF2460 Datasheet HTML 7Page - RF Micro Devices RF2460 Datasheet HTML 8Page - RF Micro Devices RF2460 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Preliminary
8-36
RF2460
Rev A7 010912
8
Pin
Function
Description
Interface Schematic
1
ENABLE
Power down pin. A logic “low” turns the part off. A logic “high” (>1.6V)
turns the part on.
2
VCC1
Supply Voltage for the LNA, mixer, bias, and logic circuitry. External RF
and IF bypassing is required. The trace length between the pin and the
bypass capacitors should be minimized. The ground side of the bypass
capacitors should connect immediately to ground plane.
See pin 20.
3
VCC2
Supply Voltage for the LO buffer amplifier. External RF and IF bypass-
ing is required. The trace length between the pin and the bypass
capacitors should be minimized. The ground side of the bypass capaci-
tors should connect immediately to ground plane.
4LO IN
Mixer LO Input Pin.
5NC
No connection. For isolation purposes, this pin is connected to the
ground plane.
6NC
No connection. For isolation purposes, this pin is connected to the
ground plane.
7IF+
CDMA IF Output pin. This is a balanced output. The internal circuitry, in
conjunction with an external matching/bias inductor to VCC, sets the
operating impedance. This inductor is typically incorporated in the
matching network between the output and IF filter. The part is designed
to drivea1k
Ω load. Because this pin is biased to V
CC, a DC blocking
capacitor must be used if the IF filter input has a DC path to ground.
See Application Schematic.
8NC
No connection. For isolation purposes, this pin is connected to the
ground plane.
9IF-
Same as pin 7, except complementary output.
See pin 6.
10
NC
No connection. For isolation purposes, this pin is connected to the
ground plane.
11
LNA2 E
Emitter for LNA2. Increasing the inductance on this pin will reduce the
mixer gain, increase IP3 and noise figure.
12
MIX IN
Mixer RF Input Pin. This pin is internally DC biased and should be DC
blocked if connected to a device with DC present. External matching
network sets RF and IF impedance for optimum performance.
13
ISET2
This pin is used to set the bias current and IIP3 of the mixer amplifier
using a resistor to ground. See plots for values and current settings.
14
ISET1
This pin is used to set the bias current and IIP3 of the LNA amplifier
using a resistor to ground. See plots for values and current settings.
15
LNA OUT
LNA output pin. Open collector.
See pin 20.
16
MIX GAIN
CMOS compatible signal controlling mixer gain mode. Setting this sig-
nal high places the mixer in the high gain mode. Setting this signal low
places the mixer in low gain mode by bypassing and shutting off the
mixerbufferamplifiercurrent.
17
LNA GAIN
CMOS compatible signal controlling LNA gain mode. Setting this signal
high places the LNA in the high gain mode. Setting this signal low
bypasses the LNA and shuts off the LNA bias current.
18
NC
No connection. For isolation purposes, this pin is connected to the
ground plane.
19
NC
No connection. For isolation purposes, this pin is connected to the
ground plane.
IF1-
IF1+
1.2 pF
1.2 pF
GND2
MIX IN
MIX GAIN
LNA GAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com