Electronic Components Datasheet Search
  English  ▼

X  

RF2461 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2461
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2461 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2461 Datasheet HTML 1Page - RF Micro Devices RF2461 Datasheet HTML 2Page - RF Micro Devices RF2461 Datasheet HTML 3Page - RF Micro Devices RF2461 Datasheet HTML 4Page - RF Micro Devices RF2461 Datasheet HTML 5Page - RF Micro Devices RF2461 Datasheet HTML 6Page - RF Micro Devices RF2461 Datasheet HTML 7Page - RF Micro Devices RF2461 Datasheet HTML 8Page - RF Micro Devices RF2461 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Preliminary
8-124
RF2461
Rev A13 010607
8
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.0
VDC
Input LO and RF Levels
+6
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T= 25°C, VCC=3.0V
CDMA: RF = 880MHz, IF= 85MHz,
LO= 965MHz@-10dBm
JCDMA: RF= 851MHz, IF = 110MHz,
LO= 741MHz@-4dBm
RF Frequency Range
800
869 to 894
1000
MHz
832 to 870
LO Frequency Range
700
954 to 979
1000
MHz
722 to 760
IF Frequency Range
0.1
250
MHz
LNA - CDMA
Gain
13.5
14.5
15
dB
Noise Figure
1.8
2
dB
Input IP3
+7.0
+9.0
dBm
IIP3 is adjustable. VIPSET=0V
Current
5
mA
LNA Bypass - CDMA
Gain
-8
-6
dB
Input IP3
+16.0
+18.0
dBm
Current
0
mA
LNA - JCDMA
Gain
14
15
16
dB
Noise Figure
1.8
2
dB
Input IP3
+9.0
+11.0
dBm
IIP3 is adjustable. VIPSET=3V
Current
6.5
mA
LNA Bypass - JCDMA
Gain
-9
-7
dB
Input IP3
+20.0
+24.0
dBm
Current
0
mA
Mixer - High Gain Mode -
CDMA
3k
Ω balanced load.
Gain
13
14.5
dB
Noise Figure
5.5
7
dB
Input IP3
+3.0
+4.0
dBm
IIP3 is adjustable. Decreasing R4/R5 will
increase IIP3.
RF to IF Isolation
dB
Current
(including LO Buffer/Bias)
21
mA
Mixer - Low Gain Mode -
CDMA
Gain
4
5.8
dB
Noise Figure
13
14
dB
IIP3
+13.0
+14.0
dBm
RF to IF Isolation
dB
Current
(including LO Buffer/Bias)
18
mA
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com