Electronic Components Datasheet Search
  English  ▼

X  

RF2461 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2461
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2461 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2461 Datasheet HTML 3Page - RF Micro Devices RF2461 Datasheet HTML 4Page - RF Micro Devices RF2461 Datasheet HTML 5Page - RF Micro Devices RF2461 Datasheet HTML 6Page - RF Micro Devices RF2461 Datasheet HTML 7Page - RF Micro Devices RF2461 Datasheet HTML 8Page - RF Micro Devices RF2461 Datasheet HTML 9Page - RF Micro Devices RF2461 Datasheet HTML 10Page - RF Micro Devices RF2461 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Preliminary
8-129
RF2461
Rev A13 010607
8
Evaluation Board Schematic - CDMA
LO@965MHz, RF@880MHz, IF@85MHz
(Download Bill of Materials from www.rfmd.com.)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
20
19
18
17
16
VCC1
50
Ωµstrip
C1
33 nF
L2
16 nH
50
Ωµstrip
L1
4.3 nH
50
Ωµstrip
IF SEL
ENABLE
IP SET
C16
100 pF
50
Ωµstrip
R6
56
Ω
50
Ωµstrip
50
Ωµstrip
L8
390 nH
C15
100 pF
50
Ωµstrip
C14
11 pF
50
Ωµstrip
L9
470 nH
50
Ωµstrip
R5
10 k
Ω
C13
10 pF
C12
11 pF
C11
100 pF
50
Ωµstrip
C8
11 pF
50
Ωµstrip
L6
470 nH
R4
10 k
Ω
C9
10 pF
50
Ωµstrip
50
Ωµstrip
50
Ωµstrip
C10
11 pF
L7
390 nH
VCC1
C7
100 pF
50
Ωµstrip
R1
620
Ω
L4
7.5 nH
C5
4pF
50
Ωµstrip
C4
100 pF
C3
0.1
µF
VCC1
R2
18 k
Ω
R3
47 k
Ω
L4
3.3 nH
50
Ωµstrip
C6
33 nF
50
Ωµstrip
L5
47 nH
50
Ωµstrip
P1
1
2
3
CON3
P1-3
LNA GAIN
GND
P1-1
MIX GAIN
P2
1
2
3
CON3
P2-3
ENABLE
P2-2
IP SET
P2-1
IF SEL
P3
1
2
3
CON3
P3-1
VCC1
GND
P3-3
VCC2
VCC2
VCC1
Note: R14 improves NF and IIP3 for V
CC = 3.0 V
R14
51
Ω
50
Ωµstrip
L=130 mils
W=12 mils
Z
0=50 Ω
J1
LO IN
447 pS Electrical Delay
0.13 dB Line Loss
J2
LNA IN
329 pS Electrical Delay
0.10 dB Line Loss
LNA GAIN
MIX GAIN
J3
LNA OUT
498 pS Electrical Delay
0.15 dB Line Loss
J5
IF1 OUT
348 pS Electrical Delay @ 110 MHz
0.03 dB Line Loss
J4
MIXER IN
320 pS Electrical Delay @ 880 MHz
0.10 dB Line Loss
J6
IF2 OUT
348 pS Electrical Delay @ 110 MHz
0.03 dB Line Loss
BYPASS
R14
51
Ω
C2
100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com