Electronic Components Datasheet Search
  English  ▼

X  

RF2461 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2461
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2461 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2461 Datasheet HTML 1Page - RF Micro Devices RF2461 Datasheet HTML 2Page - RF Micro Devices RF2461 Datasheet HTML 3Page - RF Micro Devices RF2461 Datasheet HTML 4Page - RF Micro Devices RF2461 Datasheet HTML 5Page - RF Micro Devices RF2461 Datasheet HTML 6Page - RF Micro Devices RF2461 Datasheet HTML 7Page - RF Micro Devices RF2461 Datasheet HTML 8Page - RF Micro Devices RF2461 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Preliminary
8-126
RF2461
Rev A13 010607
8
Pin
Function
Description
Interface Schematic
1
LNA GAIN
Controls the bypass feature of the LNA. A logic low (< 1.0V) selects the
bypass mode. A logic high (>2.0V) turns on the LNA.
2MIX GAIN
Controls the bypass feature of the mixer pre-amp. A logic low (< 1.0V)
selects the bypass mode. A logic high (>2.0V) turns on the pre-amp.
3LNA IN
LNA input pin.
4
VCC1
VCC pin for all circuits except the LO. Buffer/bias circuitry.
5
GND1B
LNA emitter. This pin provides the DC path to ground for the LNA. A
lumped element or a transmission line inductor can be placed between
this pin and ground to degenerate the LNA. This will decrease the gain,
increase the IP3, and increase the NF of the LNA. As the value of
inductance is increased, these effects will become more pronounced.
6LNA OUT
LNA output pin.
See pin 3.
7
ISET2
An external resistor R2 connected to this pin sets the current of the pre-
amp and the mixer.
8
ISET1
An external resistor R3 connected to this pin sets the current of the
LNA when IP SET is high (see pin 19).
9
GND3B
Ground pin for pre-amp circuit. A 3.3nH inductor is used between pin 9
and ground to degenerate the mixer pre-amp. Degenerating the pre-
amp will reduce the gain, increase the IP3 and affect the pre-amp input
impedance.
10
MIX IN
Mixer pre-amp input pin.
See pin 9.
11
IF1-
Second differential output pin for the first mixer.
See pin 12.
12
IF1+
First differential output pin for the first mixer. Open collector. A current
combiner external network performs a differential to single-ended con-
version and sets the output impedance. A DC blocking cap must be
present if the IF filter input has a DC path to ground. Mixer (IF2+ and
IF-) needs to “see” a differential impedance between 2k
Ω to 4kΩ.
13
BYPASS
Bypass pin for the LO bias reference.
14
IF2-
Second differential output pin for the second mixer.
See pin 15.
LNA GAIN
MIX GAIN
LNA IN
LNA OUT
GND1B
MIX IN
GND3B
VCC2
IF1-
IF1+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com