Electronic Components Datasheet Search
  English  ▼

X  

RF2461 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2461
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2461 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2461 Datasheet HTML 1Page - RF Micro Devices RF2461 Datasheet HTML 2Page - RF Micro Devices RF2461 Datasheet HTML 3Page - RF Micro Devices RF2461 Datasheet HTML 4Page - RF Micro Devices RF2461 Datasheet HTML 5Page - RF Micro Devices RF2461 Datasheet HTML 6Page - RF Micro Devices RF2461 Datasheet HTML 7Page - RF Micro Devices RF2461 Datasheet HTML 8Page - RF Micro Devices RF2461 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Preliminary
8-125
RF2461
Rev A13 010607
8
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Mixer - High Gain Mode -
JCDMA
3k
Ω balanced load.
Gain
12
13
dB
Noise Figure
5.5
7
dB
Input IP3
+2.0
+3.0
dBm
IIP3 is adjustable. Decreasing R4/R5 will
increase IIP3.
Current
(including LO Buffer/Bias)
24
mA
Mixer - Low Gain Mode -
JCDMA
Gain
2.5
4.0
dB
Noise Figure
13
14
dB
IIP3
+10.0
+12.0
dBm
Current
(including LO Buffer/Bias)
21
mA
Local Oscillator Input
Input Level
-10
dBm
LO to IF Isolation
-70
dB
LO to LNA Isolation
-60
dB
Any gain state.
Cascade -
LNA High/Mixer High
LNA High Gain/Mixer High Gain.
Assumes 3dB Image filter insertion loss.
Gain
23.5
26
28
dB
Noise Figure
2.4
dB
Input IP3
-11
-9
0
dBm
Current
26
mA
Cascade -
LNA High/Mixer Low
LNA High Gain/Mixer Low Gain.
Assumes 3dB Image filter insertion loss.
Gain
16.5
dB
Noise Figure
4.9
dB
Input IP3
0
dBm
Current
23
mA
Cascade -
LNA Low/Mixer High
LNA Low Gain/Mixer High Gain.
Assumes 3dB Image filter insertion loss.
Gain
4
dB
Noise Figure
15.5
dB
Input IP3
11.8
dBm
Current
22
mA
Cascade -
LNA Low/Mixer Low
LNA Low Gain/Mixer Low Gain.
Assumes 3dB Image filter insertion loss.
Gain
-7
-4.5
-3
dB
Noise Figure
22.5
dB
Input IP3
+14
+20
40
dBm
Current
18
mA
Power Supply
Voltage
2.65
3.0
3.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com