Electronic Components Datasheet Search
  English  ▼

X  

RF2461 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2461
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2461 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2461 Datasheet HTML 1Page - RF Micro Devices RF2461 Datasheet HTML 2Page - RF Micro Devices RF2461 Datasheet HTML 3Page - RF Micro Devices RF2461 Datasheet HTML 4Page - RF Micro Devices RF2461 Datasheet HTML 5Page - RF Micro Devices RF2461 Datasheet HTML 6Page - RF Micro Devices RF2461 Datasheet HTML 7Page - RF Micro Devices RF2461 Datasheet HTML 8Page - RF Micro Devices RF2461 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Preliminary
8-127
RF2461
Rev A13 010607
8
*The bias circuitry current drop when LO signal is not present. Total LO buffer/bias circuitry current is 7 mA when LO sig-
nal is present.
Pin
Function
Description
Interface Schematic
15
IF2+
First differential output pin for the second mixer. Open collector. A cur-
rent combiner external network performs a differential to single-ended
conversion and sets the output impedance. A DC blocking cap must be
present if the IF filter input has a DC path to ground. Mixer (IF2+ and
IF2-) needs to “see” a differential impedance between 2k
Ω to 4kΩ.
16
VCC2
VCC pin for the LO buffer/bias circuitry.*
17
LO IN
LO limiter input pin.
18
ENABLE
This pin is used to enable or disable the RF2461. A logic high (> 2.0V)
enables the circuitry. A logic low (<1.0V) disables the circuitry.
19
IP SET
Controls the setting of the LNA current. A logic low (< 1.0V) selects the
internal resistance (49.5k
Ω), resulting in an LNA current of 5mA. A
logic high (> 2.0V) selects the external resistance at pin 8.
20
IF SEL
Determines which IF port is active. A logic low (< 1.0V) activates IF1
and deactivates IF2. A logic high (> 2.0V) activates IF2 and deactivates
IF1.
Pkg
Base
GND
Ground connection. The backside of the package should be soldered to
a top side ground pad which is connected to the ground plane with mul-
tiple vias.
IF2-
IF2+
LO IN
ENABLE
IP SET
IF SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com