Electronic Components Datasheet Search
  English  ▼

X  

RF2461 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF2461
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2461 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF2461 Datasheet HTML 6Page - RF Micro Devices RF2461 Datasheet HTML 7Page - RF Micro Devices RF2461 Datasheet HTML 8Page - RF Micro Devices RF2461 Datasheet HTML 9Page - RF Micro Devices RF2461 Datasheet HTML 10Page - RF Micro Devices RF2461 Datasheet HTML 11Page - RF Micro Devices RF2461 Datasheet HTML 12Page - RF Micro Devices RF2461 Datasheet HTML 13Page - RF Micro Devices RF2461 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Preliminary
8-133
RF2461
Rev A13 010607
8
Condition T =25oC, VCC =2.75 V, RF= 880 and 881MHz, LO = 965MHz @-10 dBm
LNA Current =LNA Gain2-LNA-Gain1
IP_SET
IF_SEL
LNA GAIN
MIX GAIN
ENABLE
MIXER_GAIN
00
011
LNA_GAIN1
10
001
LNA_GAIN2
10
101
LNA Gain, Noise Figure and IIP3 versus ICC -
LNA Only (LNA High Gain)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
ICC (mA)
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
Gain (dB)
NF (dB)
IIP3 (dBm)
Mixer Gain, Noise Figure and IIP3 versus ICC -
Mixer (Mixer High Gain, LO=-7dBm)
-20.00
-15.00
-10.00
-5.00
0.00
5.00
10.00
15.00
20.00
25.00
10.00
15.00
20.00
25.00
30.00
35.00
40.00
ICC (mA)
-10.00
-5.00
0.00
5.00
10.00
Gain (dB)
NF (dB)
IIP3 (dBm)
Resistor (R3) versus ICC (mA) -
LNA Only (LNA High Gain)
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
ICC (mA)
R3 (kohm)
Resistor (R2) versus ICC - Mixer (Mixer High Gain,
LO=2170@-7dBm)
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
ICC (mA)
R2 (kohm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com