Electronic Components Datasheet Search
  English  ▼

X  

RF2689 Datasheet(PDF) 15 Page - RF Micro Devices

Part # RF2689
Description  W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2689 Datasheet(HTML) 15 Page - RF Micro Devices

Back Button RF2689 Datasheet HTML 11Page - RF Micro Devices RF2689 Datasheet HTML 12Page - RF Micro Devices RF2689 Datasheet HTML 13Page - RF Micro Devices RF2689 Datasheet HTML 14Page - RF Micro Devices RF2689 Datasheet HTML 15Page - RF Micro Devices RF2689 Datasheet HTML 16Page - RF Micro Devices RF2689 Datasheet HTML 17Page - RF Micro Devices RF2689 Datasheet HTML 18Page - RF Micro Devices RF2689 Datasheet HTML 19Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Preliminary
7-53
RF2689
Rev A4 010815
7
Base Band Filter Respose (Caliberated)
(VCC=3.0V, VGC=2.4V, IF=225.05MHz, LO=1080MHz @ -10dBm)
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
0.0
50.0
100.0
150.0
200.0
250.0
300.0
350.0
Frequency (kHz)
Pout [dBm]
IGC versus VGC
(VCC=3.0V, IF=225MHz, LO=1080MHz @ -10dBm)
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VGC (V)
Igc [uA]
Voltage Gain versus Power Out (GSM-1dB Compression)
(IF=225MHz, LO=1080MHz, VCC=3.0V, VGC=2.4V)
72.0
74.0
76.0
78.0
80.0
82.0
84.0
800.0
900.0
1000.0
1100.0
1200.0
1300.0
1400.0
1500.0
1600.0
POUT (mV-peak)
Voltage Gain [dB]
BaseBand Filter Measurement (Caliberated)
IF=190MHz, LO=1520MHz @ -10dBm, VCC=3.0V, VGC=2.4V)
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (MHz)
Pout [dBm] @ 2.4 Vgc
IGC versus VGC
(IF=190MHz, LO=1520MHz @ -10dBm, VCC=3.0V, Temp. +25
oC)
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VGC (V)
Igc [uA]
Voltage Gain versus POUT (1dB Compression)
IF=190MHz, LO=1520MHz @ -10dBm, VCC=3.0V, VGC=2.4V)
71.0
72.0
73.0
74.0
75.0
76.0
77.0
78.0
79.0
80.0
81.0
82.0
600
700
800
900
1000 1100 1200 1300 1400 1500 1600 1700 1800
POUT (mV-peak)
Voltage Gain [dB]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com