Electronic Components Datasheet Search
  English  ▼

X  

RF2689 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2689
Description  W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2689 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2689 Datasheet HTML 1Page - RF Micro Devices RF2689 Datasheet HTML 2Page - RF Micro Devices RF2689 Datasheet HTML 3Page - RF Micro Devices RF2689 Datasheet HTML 4Page - RF Micro Devices RF2689 Datasheet HTML 5Page - RF Micro Devices RF2689 Datasheet HTML 6Page - RF Micro Devices RF2689 Datasheet HTML 7Page - RF Micro Devices RF2689 Datasheet HTML 8Page - RF Micro Devices RF2689 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Preliminary
7-40
RF2689
Rev A4 010815
7
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5
VDC
Power Down Voltage (VPD)
-0.5toVCC+0.7
VDC
Input RF Power
+3
dBm
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
W-CDMA Mode
Temp= 25°C, VCC=3V, ZLOAD=60kΩ diff.,
LO= 1520MHz@-10dBm, ZSOURCE=500Ω
diff.
IF Frequency
190
MHz
W-CDMA IF Input Impedance
1200
Single-ended
2400
Balance. An external resistor across the dif-
ferential input is used to define the input
impedance.
LO Frequency
1520
MHz
LO Input Level
-20
-10
0
dBm
LO Input Impedance
50
Single-ended.
Maximum Voltage Gain
76
80
dB
Pin-to-Pin voltage gain.
Note: 10dB additional voltage gain in input
match 50
Ω to 500Ω.
Minimum Voltage Gain
5
10
15
Gain Variation versus VCC and
Temperature
-3
+1+3
dB
Gain Control Voltage
0.3
2.4
V
Defined with external 10k
Ω resistor in series
with VGC1 pin. Analog gain control.
Input IP3
Blockers at 10MHz and 20MHz offset.
-52
-48
dBm
Maximum Gain. VGC=2.4V
-5
0
dBm
Minimum Gain. VGC=0.3V
Noise Figure
5
7
dB
Maximum Gain. VGC=2.4V
56
58
Minimum Gain VGC=0.3V
Inband Output 1dB Compression
1.5
2.0
VP-P
Measured differentially.
Compression
Out of band blocker causing 1dB of inband
gain compression. Blocker at 5MHz.
-48
dBm
Maximum Gain. VGC=2.4V
-17
dBm
Minimum Gain. VGC=0.3V
Butterworth third order, FC2.5M+10%
Baseband 3dB Bandwidth
2.25
2.5
2.75
MHz
Calibrated. FCLK=13MHz, 3dB rolloff from
1MHz offset
Sideband Suppression
27
dB
A measure of IQ gain match and IQ quadra-
ture accuracy. Measured for baseband fre-
quencies 100kHz to 2.5MHz.
DC Offset
+40
mV
Baseband External Load
20
60
k
Resistive Load Impedance.
Differentially across op pins.
5
pF
Capacitive Load Impedance.
To ground.
Output DC Voltage
VCC-1.3
VCC-1.6
VCC-1.9
V
IQ Amplitude Balance
+0.2
+0.5
dB
VGC=0.3V, PIN=-30dBm
IQ Phase Balance
+2+5
degree
VGC=0.3V, PIN=-30dBm
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com