Electronic Components Datasheet Search
  English  ▼

X  

RF2689 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2689
Description  W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2689 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2689 Datasheet HTML 1Page - RF Micro Devices RF2689 Datasheet HTML 2Page - RF Micro Devices RF2689 Datasheet HTML 3Page - RF Micro Devices RF2689 Datasheet HTML 4Page - RF Micro Devices RF2689 Datasheet HTML 5Page - RF Micro Devices RF2689 Datasheet HTML 6Page - RF Micro Devices RF2689 Datasheet HTML 7Page - RF Micro Devices RF2689 Datasheet HTML 8Page - RF Micro Devices RF2689 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Preliminary
7-41
RF2689
Rev A4 010815
7
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
GSM/DCS Mode
Temp= 25°C, VCC=3V, ZLOAD=60kΩ diff.,
LO= 1080MHz@ -10dBm, ZSOURCE=500Ω
IF Frequency
225
MHz
2nd IF Frequency
45
MHz
LO Frequency
1080
MHz
LO Input Level
-20
-10
0
dBm
LO Input Impedance
50
Single-ended.
Maximum Voltage Gain
77
83
dB
VGC=0.5V to 2.4V
Pin-to-Pin voltage gain.
Note: 10dB additional voltage gain in input
match 50
Ω to 500Ω.
Minimum Voltage Gain
-15
-10
-5
dB
Gain Variation versus VCC and
Temperature
-3
+2+3
dB
Gain Control Voltage
0.3
2.4
V
Defined with external 10k
Ω resistor in series
with GC pin. Analog gain control.
Noise Figure
6
8
dB
Maximum Gain. VGC=2.4V
80
82
Minimum Gain VGC=0.3V
Input IP3
Blockers at 800kHz and 1650kHz offset.
-54
-49
dBm
Maximum Gain. VGC=2.4V
-5
0
dBm
Minimum Gain. VGC=0.3V
Inband Output 1dB Compression
1.5
2.5
VP-P
Maximum Gain. Measured differentially.
Compression
Out of band blocker causing 1dB of inband
gain compression. Blocker at 800kHz offset.
-65
dBm
Maximum Gain. VGC=2.4V
-17
dBm
Minimum Gain. VGC=0.3V
GSM IF Input Impedance
1200
Single-ended
2400
Balance. An external resistor across the dif-
ferential input is used to define the input
impedance.
Butterworth third order, FC250k+10%
Baseband 3dB Bandwidth
225
250
275
kHz
3dB rolloff from 50kHz offset
Calibrated. FCLK=13MHz
100
400
kHz
Uncalibrated.
Sideband Suppression
27
dB
A measure of IQ gain match and IQ quadra-
ture accuracy. Measured for baseband fre-
quencies 100kHz to 2.5MHz.
DC Offset
+60
mV
Baseband External Load
20
60
k
Resistive Load Impedance.
Differentially across op pins.
5
pF
Capacitive Load Impedance.
To ground.
Output DC Voltage
VCC-1.3
VCC-1.6
VCC-1.9
V
IQ Amplitude Balance
+0.2
+0.5
dB
VGC=0.3V, PIN=-30dBm
IQ Amplitude Balance
+2+5degree
VGC=0.3V, PIN=-30dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com