Electronic Components Datasheet Search
  English  ▼

X  

RF2689 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2689
Description  W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2689 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2689 Datasheet HTML 4Page - RF Micro Devices RF2689 Datasheet HTML 5Page - RF Micro Devices RF2689 Datasheet HTML 6Page - RF Micro Devices RF2689 Datasheet HTML 7Page - RF Micro Devices RF2689 Datasheet HTML 8Page - RF Micro Devices RF2689 Datasheet HTML 9Page - RF Micro Devices RF2689 Datasheet HTML 10Page - RF Micro Devices RF2689 Datasheet HTML 11Page - RF Micro Devices RF2689 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Preliminary
7-46
RF2689
Rev A4 010815
7
Since the power gain to the input of the Op-Amp GP’=αGP, where GP is the power gain of demodulator for matched load.
Therefore, the demodulator power gain is 65+15 = 80 dB.
AC Coupling in Evaluation Board
The output I and Q baseband signal is AC coupled for evaluation purposes only. The high-pass corner frequency is at
1/(2
π RC)=1/(6.28*30kΩ*100nF)=56Hz.
I and Q Output DC Voltage and Its Offset
Although the I and Q output is AC coupled on the evaluation board, in most applications, it would be DC coupled to the
ADC input buffer. The DC voltage at the IC output is VCC-1.6V with a possible variation of ±0.3V due to temperature and
tolerance. The differential circuit asymmetry would cause common mode DC offset to the extent of ±40mV.
Baseband Filter Calibration Process
The BB (baseband) filter calibration process is same for both WCDMA and GSM/DCS. After calibration is done, the
WCDMA mode sets the circuitry to have a 3 dB bandwidth of 2.5MHz, the GSM/DCS mode (if the chip has GSM/DCS
mode) sets the circuitry to have a 3dB bandwidth of 250kHz.
The BB filter in the I and Q path needs to be calculated every time after power down. When the FCLK pin is connected to
a signal generator with 0dBm output level at 13.0MHz, a logic high at CALEN pin for 200
µs will calibrate the filter to have
2.5 MHz bandwidth with 10% accuracy when WCDMA mode is set, or to 250kHz bandwidth with 10% accuracy when
GSM mode is set. The calibration is done when the chip is powered on only. Calibration is independent from all other
conditions, e.g. the chip enable could be off.
The calibration circuitry consumes 400
µA. When the calibration sequence is complete after 200µs, the I
CC drops to
0mA.
The 3dB bandwidth is defined to be from the reference level at 1 MHz for WCDMA and at 50 kHz for GSM/DCS. The 3 dB
bandwidth is independent of VGC and VCC.
The filter can also be calibrated with different clock frequencies from 10MHz to 30MHz to tune the bandwidth over -40%
to +60% from its default 3dB bandwidth (2.5MHz for WCDMA and 250kHz for GSM). The 3dB bandwidth is linear with
clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com