Electronic Components Datasheet Search
  English  ▼

X  

RF2689 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2689
Description  W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2689 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2689 Datasheet HTML 1Page - RF Micro Devices RF2689 Datasheet HTML 2Page - RF Micro Devices RF2689 Datasheet HTML 3Page - RF Micro Devices RF2689 Datasheet HTML 4Page - RF Micro Devices RF2689 Datasheet HTML 5Page - RF Micro Devices RF2689 Datasheet HTML 6Page - RF Micro Devices RF2689 Datasheet HTML 7Page - RF Micro Devices RF2689 Datasheet HTML 8Page - RF Micro Devices RF2689 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Preliminary
7-43
RF2689
Rev A4 010815
7
Mode Control
Logic
Mode Control Truth Table
Auto Calibration Mode
The filters are automatically tuned when the CALEN pin goes high. The filters are reset to a nominal value whenever the
CALEN pin goes low. The auto calibration circuitry is independent of the “Mode A/B” and the EN RX control pins.
The EN RX and CALEN pins can be connected together if desired.
Truth Table
EN RX
Chip Enable
If EN =0 then the whole IC is powered down
Mode
EN RX
Mode B
Mode A
Power Down
0
X
X
GSM/DCS RX Warm-Up
1
0
1
GSM/DCS RX
1
1
1
W-CDMA RX Warm-Up
1
0
0
W-CDMA RX
110
Mode
W-CDMA
Input Amp
GSM Input Amp
&1st Mixer
Fixed
Divider
GSM
Divider
Second
Dividers
VGA
Demod
Baseband
& Filters
Power Down
0
0
0
0000
0
GSM/DCS RX Warm-Up
0
0
1
(div 2)
0
(div 2)
0
(div 12)
00
0
GSM/DCS RX
0
1
1
(div 2)
1
(div 2)
1
(div 12)
11
1
(250kHz)
W-CDMA RX Warm-Up
0
0
1
(div 2)
01
(div 4)
00
0
W-CDMA RX
1
0
1
(div 2)
00
(div 4)
11
1
(2.5MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com