Electronic Components Datasheet Search
  English  ▼

X  

RF2689 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2689
Description  W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2689 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2689 Datasheet HTML 6Page - RF Micro Devices RF2689 Datasheet HTML 7Page - RF Micro Devices RF2689 Datasheet HTML 8Page - RF Micro Devices RF2689 Datasheet HTML 9Page - RF Micro Devices RF2689 Datasheet HTML 10Page - RF Micro Devices RF2689 Datasheet HTML 11Page - RF Micro Devices RF2689 Datasheet HTML 12Page - RF Micro Devices RF2689 Datasheet HTML 13Page - RF Micro Devices RF2689 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Preliminary
7-48
RF2689
Rev A4 010815
7
Application Schematic
19
18
17
16
14
13
12
10
9
8
7
5
4
3
2
1
*
*
*
*
20
6
11
15
C5
1nF
R6
680
L1
68 nH
C1
6pF
R1
10 k
VGC
C2
5.1 pF
C6
1nF
R7
680
L2
150 nH
C10
10 nF
VCC MODEA
MODEB
C20
1nF
ENRX
QOUT N
QOUT P
IOUT N
IOUT P
ENCAL
C9
10 nF
C8
10 nF
C11
10 pF
FCLK
LO IN
WCDMA IN
GSM IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com