Electronic Components Datasheet Search
  English  ▼

X  

KA2500 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # KA2500
Description  I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2500 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button KA2500 Datasheet HTML 3Page - Samsung semiconductor KA2500 Datasheet HTML 4Page - Samsung semiconductor KA2500 Datasheet HTML 5Page - Samsung semiconductor KA2500 Datasheet HTML 6Page - Samsung semiconductor KA2500 Datasheet HTML 7Page - Samsung semiconductor KA2500 Datasheet HTML 8Page - Samsung semiconductor KA2500 Datasheet HTML 9Page - Samsung semiconductor KA2500 Datasheet HTML 10Page - Samsung semiconductor KA2500 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
KA2500
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
6
7
11
GND1
GND2 (GND (L) )
-
Ground (analogue)
Ground (logic)
15
16
17
Blue Cut-Off
(BCT)
Green Cut-Off
(GCT)
Red Cut-Off
(RCT)
Cut-Off Control Output
18
Clamp Gate Input
(CLP)
Video amp active when clamp
gate signal is in low TTL level.
Clamp gate Min. pulse width
: 0.2us, at fh: 50KHz
19
Blank Gate Input
(BLK)
Video amp blanks video signal
when blank gate signal is in
low TTL level.
Table 2. Pin Description (Continued)
Pin No
Pin Name
Schematic
Description
PIN 17
0~180uA
0~540uA
80uA
160uA
320uA
Cut-Off
Cut-Off
BRT
Cut-Off
Offset
5.1V
PIN 18
VCC
PIN 19
7V
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com