Electronic Components Datasheet Search
  English  ▼

X  

KA2500 Datasheet(PDF) 19 Page - Samsung semiconductor

Part # KA2500
Description  I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2500 Datasheet(HTML) 19 Page - Samsung semiconductor

Back Button KA2500 Datasheet HTML 15Page - Samsung semiconductor KA2500 Datasheet HTML 16Page - Samsung semiconductor KA2500 Datasheet HTML 17Page - Samsung semiconductor KA2500 Datasheet HTML 18Page - Samsung semiconductor KA2500 Datasheet HTML 19Page - Samsung semiconductor KA2500 Datasheet HTML 20Page - Samsung semiconductor KA2500 Datasheet HTML 21Page - Samsung semiconductor KA2500 Datasheet HTML 22Page - Samsung semiconductor KA2500 Datasheet HTML 23Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
KA2500
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
18
Cut-Off Brightness Register (3-ch) (SUB ADRS: 06H)
Cut-Off Register (R/G/B-ch) (SUB ADRS: 07/08/09H)
(cont = 80H, subcont: FFH, INT: CT=0, EXT: CT=1)
Hex
B7
B6
B5
B4
B3
B2
B1
B0
Cut-Off Brightness (
µA)
Int. value (Hex)
00
0
0
0
0
0
0
0
0
0
80
1
0
0
0
0
0
0
0
75
O
FF
1
1
1
1
1
1
1
1
150
Increment/bit
0.588
Hex
B7
B6
B5
B4
B3
B2
B1
B0
Cut-Off INT (V)
Cut-Off
EXT(
µA)
Int. value
(Hex)
00
0
0
0
0
0
0
0
0
-0.5
0
80
1
0
0
0
0
0
0
0
0
250
O
FF
1
1
1
1
1
1
1
1
0.5
500
Increment/bit
3.9mV
1.96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com