Electronic Components Datasheet Search
  English  ▼

X  

KA2500 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KA2500
Description  I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2500 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KA2500 Datasheet HTML 4Page - Samsung semiconductor KA2500 Datasheet HTML 5Page - Samsung semiconductor KA2500 Datasheet HTML 6Page - Samsung semiconductor KA2500 Datasheet HTML 7Page - Samsung semiconductor KA2500 Datasheet HTML 8Page - Samsung semiconductor KA2500 Datasheet HTML 9Page - Samsung semiconductor KA2500 Datasheet HTML 10Page - Samsung semiconductor KA2500 Datasheet HTML 11Page - Samsung semiconductor KA2500 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2500
7
26
24
21
Red Video Output
(ROUT)
Green Video Output
(GOUT)
Blue Video Output
(BOUT)
Video signal output
20
25
27
Blue Clamp Cap
(BCLP)
Green Clamp Cap
(GCLP)
Red Clamp Cap
(RCLP)
Brightness control activated
by charging and discharging of
the external cap. (0.1
µF)
(During low clamp gate)
22
GND3
-
Ground (drive part)
23
VCC3
-
Supply voltage (drive part)
13
14
SCL
SDA
Serial clock input port of I2C
BUS
Serial data input port of I2C
BUS
Table 2. Pin Description (Continued)
Pin No
Pin Name
Schematic
Description
VCC
PIN 26
PIN 27
PIN 13
3.22V
54uA
27uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com