Electronic Components Datasheet Search
  English  ▼

X  

KA2500 Datasheet(PDF) 17 Page - Samsung semiconductor

Part # KA2500
Description  I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2500 Datasheet(HTML) 17 Page - Samsung semiconductor

Back Button KA2500 Datasheet HTML 13Page - Samsung semiconductor KA2500 Datasheet HTML 14Page - Samsung semiconductor KA2500 Datasheet HTML 15Page - Samsung semiconductor KA2500 Datasheet HTML 16Page - Samsung semiconductor KA2500 Datasheet HTML 17Page - Samsung semiconductor KA2500 Datasheet HTML 18Page - Samsung semiconductor KA2500 Datasheet HTML 19Page - Samsung semiconductor KA2500 Datasheet HTML 20Page - Samsung semiconductor KA2500 Datasheet HTML 21Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
KA2500
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
16
I2C BUS Write Operation
Register Description
Register Sub Address (Slave address: DCH)
HT: Video & OSD Half Tone ctrl switch (1: ON, 0: OFF)
HS2/HS1: OSD Raster Color Switch for Video Half Tone (HT = 1)
CT: Cut-off Control INT/EXT (0:INT/1: EXT) select switch (DC/AC mode)
CS1/CS2/CS3/: 80/160/320uA Cut-Off ctrl EXT offset current Switch (CT = 1)
SBLK: Soft Blanking switch (1: ON, 0: OFF)
Sub Address
(Hex)
Register Names
DAC bits
Int. value (Hex)
00
Contrast control
8 bits
80
01
Brightness control (3-ch)
8 bits
80
02
SUB Contrast control (R)
8 bits
80
03
SUB Contrast control (G)
8 bits
80
04
SUB Contrast control (B)
8 bits
80
05
OSD Contrast control
8 bits
80
06
Cut-off Brightness control
8 bits
80
07
Cut-off control (R)
8 bits
80
08
Cut-off control (G)
8 bits
80
09
Cut-off control (B)
8 bits
80
0A
HS2 l HS1 l CS3 l CS2 l CS1 l CT l HT l SBLK
20
HS2
HS1
OSDR
OSDG
OSDB
Half Tone
0
0
1
1
0
1
0
1
0
0
0
0
0
1
0
1
0
0
1
1
Black
Green
Blue
Cyan
MSB
LSB
SCL
SDA
transter
START
Slave address
ACK
Register address
ACK
Data byte
ACK
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com