Electronic Components Datasheet Search
  English  ▼

X  

KA2500 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # KA2500
Description  I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2500 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button KA2500 Datasheet HTML 5Page - Samsung semiconductor KA2500 Datasheet HTML 6Page - Samsung semiconductor KA2500 Datasheet HTML 7Page - Samsung semiconductor KA2500 Datasheet HTML 8Page - Samsung semiconductor KA2500 Datasheet HTML 9Page - Samsung semiconductor KA2500 Datasheet HTML 10Page - Samsung semiconductor KA2500 Datasheet HTML 11Page - Samsung semiconductor KA2500 Datasheet HTML 12Page - Samsung semiconductor KA2500 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
KA2500
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
8
28
B/U Input (B/U)
Parabola input via AC coupling
cap
12
ABL Input (ABL)
Automatic beam limitation
input
(Control Range: 0.5 ~ 4.5V)
Table 2. Pin Description (Continued)
Pin No
Pin Name
Schematic
Description
VCC
4.6V
100uA
PIN 28
VCC
PIN 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com