Electronic Components Datasheet Search
  English  ▼

X  

KA2500 Datasheet(PDF) 12 Page - Samsung semiconductor

Part # KA2500
Description  I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2500 Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button KA2500 Datasheet HTML 8Page - Samsung semiconductor KA2500 Datasheet HTML 9Page - Samsung semiconductor KA2500 Datasheet HTML 10Page - Samsung semiconductor KA2500 Datasheet HTML 11Page - Samsung semiconductor KA2500 Datasheet HTML 12Page - Samsung semiconductor KA2500 Datasheet HTML 13Page - Samsung semiconductor KA2500 Datasheet HTML 14Page - Samsung semiconductor KA2500 Datasheet HTML 15Page - Samsung semiconductor KA2500 Datasheet HTML 16Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2500
11
AC Electrical Characteristics
Ta = 25
°C, V
CC1 = VCC2 = VCC3 = 12V; V4 = 0V.
Vin = 0.56Vpp Manually adjust Video Output pins 21, 24 and 26 to 4V DC for the AC test (11) unless otherwise
stated(12)
OSD Electrical Characteristics
Ta = 25 °C, VCC1 = VCC2 = VCC3 = 12V; V19 = 4V; V12 = V28 = 0V;
V1 = V2 = V3 = 4V; V4 = 4V; unless otherwise stated
Table 6. AC Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Video Amplifier Gain
AV max
15.5
17.5
19.5
dB
Contrast Attenuation 1
Avc1
-4.5
-6.0
-7.5
dB
Contrast Attenuation 2
Avc2
-
-38
-35
dB
Drive Attenuation1
Avd1
-3
-4
-5
dB
Drive Attenuation 2
Avd2
-11
-8
-5
dB
Absolute Gain Match
AV match
(6)
-1
-
1
dB
Gain Change between Amplifiers
AV track
(7)
-1
-
1
dB
Video Amplifier Distortion
THD
-
1
5
%
Video Amp Bandwidth (7,8)
f (-3dB)
130
150
-
MHz
Video Output Rise Time (7)
tr (Video)
-
2.3
2.8
ns
Video Output Fall Time (7)
tf (Video)
-
3.2
4.0
ns
Video Amplifier 10kHz Isolation
Viso_10K(9)
-
-65
-45
dB
Video Amplifier 10MHz Isolation
Viso_10M(7,9)
-
-50
-35
dB
Blank Output Rise Time (7)
tr (Blank)
-
6
15
ns
Blank Output Fall Time (7)
tf (Blank)
-
10
30
ns
End of Blanking Propagation Delay
tr-prop (Blank)
-
23
50
ns
Start of Blanking Propagation Delay
tf-prop (Blank)
-
20
45
ns
Table 7. OSD Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
OSD Input Low Input Voltage
VOSDI
0.4
1.3
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com