Electronic Components Datasheet Search
  English  ▼

X  

KA2500 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # KA2500
Description  I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2500 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button KA2500 Datasheet HTML 9Page - Samsung semiconductor KA2500 Datasheet HTML 10Page - Samsung semiconductor KA2500 Datasheet HTML 11Page - Samsung semiconductor KA2500 Datasheet HTML 12Page - Samsung semiconductor KA2500 Datasheet HTML 13Page - Samsung semiconductor KA2500 Datasheet HTML 14Page - Samsung semiconductor KA2500 Datasheet HTML 15Page - Samsung semiconductor KA2500 Datasheet HTML 16Page - Samsung semiconductor KA2500 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
KA2500
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
12
OSD Input High Input Voltage
VOSDh
0.4
0.8
1.2
V
OSD Select Low Input Voltage
V4I
0.8
1.6
3.0
V
OSD Select High Input Voltage
V4h
0.8
1.6
2.0
V
OSD Select Low Input Current
I4I
-10
-5
-
µA
OSD Select High Input Current
I4h
70
100
130
µA
OSD Output Black Level
VBLV-OSD
-
0.1
0.2
V
OSD Output Voltage
VOSD
2.6
3.6
4.6
VPP
OSD Output Vpp Attenuation
VOSD_ATT
30
50
70
%
Output Match between Channels
VOSD
-7
-
7
%
Video to OSD Switch Time (7)
tr (OSD S)
-
4
10
ns
OSD to Video Switch Time (7)
tf (OSD S)
-
11
20
ns
Video to OSD Propagation Delay
tr-pr (OSD S)
-
11
25
ns
OSD to Video Propagation Delay
tf-pr (OSD S)
-
12
25
ns
OSD Rising Time
tr (OSD)
-
4
8
ns
OSD Falling Time
tf (OSD)
-
5
10
ns
OSD Rising Propagation Delay
tr_pr (OSD)
-
7
15
ns
OSD Falling Propagation Delay
tf_pr (OSD)
-
9
20
ns
Video/OSD 10kHz Isolation
Iiso10K (OSD)
-
-60
-40
dB
Video/OSD 10MHz Isolation
Iiso10M (OSD)
-
-50
-35
dB
Table 7. OSD Electrical Characteristics (Continued)
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com