Electronic Components Datasheet Search
  English  ▼

X  

LM8322 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 15Page - National Semiconductor (TI) LM8322 Datasheet HTML 16Page - National Semiconductor (TI) LM8322 Datasheet HTML 17Page - National Semiconductor (TI) LM8322 Datasheet HTML 18Page - National Semiconductor (TI) LM8322 Datasheet HTML 19Page - National Semiconductor (TI) LM8322 Datasheet HTML 20Page - National Semiconductor (TI) LM8322 Datasheet HTML 21Page - National Semiconductor (TI) LM8322 Datasheet HTML 22Page - National Semiconductor (TI) LM8322 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
30013613
FIGURE 13. PWM Timer
The period counter is a free running 8-bit up-counter which
starts counting when the script command file issues the first
RAMP command. An END command stops the period
counter.
The duty cycle of the PWM output is controlled by the ramp
counter. If the PWM period counter is active, the PWM output
signal is asserted while the period counter has a value less
than or equal to the value of the ramp counter.
The ramp counter can increment or decrement at a rate con-
trolled by the prescaler and step time counter. The prescaler
selects a factor of 16 or 512 for dividing down the frequency
of the 32.768 kHz clock. The ramp counter saturates at either
0x00 or 0xFF depending on the ramp direction.
The number of increment or decrement steps is specified by
the INCREMENT field of the RAMP command, which is load-
ed into the step counter. Even if the ramp counter hits its
saturation value, the requested number of steps will be per-
formed. An option enables assertion of the IRQ output to the
host after the last step is performed.
14.3 PWM SCRIPT COMMANDS
Table 8 summarizes the script commands.
TABLE 8. PWM Script Commands
Command
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RAMP
0
PRES
CALE
STEPTIME
SIGN
INCREMENT
SET_PWM
0
1
0
PWMVALUE
GO_TO_
0
START
BRANCH
1
0
1
LOOPCOUNT
0
ADDRESS
END
1
1
0
0
RESET
0
TRIGGER
1
1
1
WAITTRIGGER
SENDTRIGGER
0
19
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com