Electronic Components Datasheet Search
  English  ▼

X  

LM8322 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 20Page - National Semiconductor (TI) LM8322 Datasheet HTML 21Page - National Semiconductor (TI) LM8322 Datasheet HTML 22Page - National Semiconductor (TI) LM8322 Datasheet HTML 23Page - National Semiconductor (TI) LM8322 Datasheet HTML 24Page - National Semiconductor (TI) LM8322 Datasheet HTML 25Page - National Semiconductor (TI) LM8322 Datasheet HTML 26Page - National Semiconductor (TI) LM8322 Datasheet HTML 27Page - National Semiconductor (TI) LM8322 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
15.0 Digital Multiplexers
Two 2:1 multiplexers are provided for host-controlled digital
switching. Setting the MUX1EN or MUX2EN bits with the
WRITE_CFG command enables the corresponding multi-
plexer and its input and output signals, which overrides any
other functions which may use these pins. The MUX1 signals
are alternate functions of the PWM_x outputs. The MUX2
signals are alternate functions of three KP-Yx pins.
The data select inputs for the multiplexers are controlled by
the MUX1SEL and MUX2SEL bits, which are written by the
WRITE_CFG command. If it is important to avoid momentarily
passing an incorrect input to the output, the select bit must be
loaded with a first WRITE_CFG command before sending a
second WRITE_CFG command to set the enable bit. The
truth table for the multiplexers is shown in Table 9.
TABLE 9. Digital Multiplexer Function Table
MUXxE
N Bit
MUXxSEL
Bit
MUXx_IN
2
Pin
MUXx_IN
1
Pin
MUXx_OU
T
Pin
1
0
X
0
0
1
0
X
1
1
1
1
0
X
0
1
1
1
X
1
0
X
X
X
MUXx_OU
T
not enabled
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com