Electronic Components Datasheet Search
  English  ▼

X  

LM8322 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 22Page - National Semiconductor (TI) LM8322 Datasheet HTML 23Page - National Semiconductor (TI) LM8322 Datasheet HTML 24Page - National Semiconductor (TI) LM8322 Datasheet HTML 25Page - National Semiconductor (TI) LM8322 Datasheet HTML 26Page - National Semiconductor (TI) LM8322 Datasheet HTML 27Page - National Semiconductor (TI) LM8322 Datasheet HTML 28Page - National Semiconductor (TI) LM8322 Datasheet HTML 29Page - National Semiconductor (TI) LM8322 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
30013616
FIGURE 16. Host Write Command
16.5 HOST READ COMMANDS
Some host commands include one or more data bytes read
from the LM8322. Figure 17 shows a READ_PORT_SEL
command which consists of an address byte, a command
byte, a second address byte, and two data bytes.
The first address byte is sent with the direction bit driven low
to indicate a write transaction of the command to the LM8322.
The second address byte is sent with the direction bit undriven
(pulled high) to indicate a read transaction of the data from
the LM8322.
The Start (or Repeated Start) condition must be repeated
whenever the slave address or the direction bit is changed. In
this case, the direction bit is changed.
The bus master can send any number of Repeated Start con-
ditions without releasing control of the bus. This technique
can be used to implement atomic transactions, in which the
bus master sends a command and then reads a register with-
out allowing any other device to get control of the bus between
these events.
The data is sent from the slave to the host in the fourth and
fifth bytes. The fifth byte ends with a negative acknowledge-
ment (NACK) to indicate the end of the data.
30013617
FIGURE 17. Host Read Command
16.6 INTERRUPTS
The IRQ output may be asserted on these conditions:
•
Any new key-event after the last interrupt was asserted but
not yet acknowledged by reading the interrupt code.
•
Termination of a PWM script (END command).
•
Any error condition, which is indicated by the error code.
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com