Electronic Components Datasheet Search
  English  ▼

X  

LM8322 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 27Page - National Semiconductor (TI) LM8322 Datasheet HTML 28Page - National Semiconductor (TI) LM8322 Datasheet HTML 29Page - National Semiconductor (TI) LM8322 Datasheet HTML 30Page - National Semiconductor (TI) LM8322 Datasheet HTML 31Page - National Semiconductor (TI) LM8322 Datasheet HTML 32Page - National Semiconductor (TI) LM8322 Datasheet HTML 33Page - National Semiconductor (TI) LM8322 Datasheet HTML 34Page - National Semiconductor (TI) LM8322 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
17.5 WRITE_PULL_DOWN COMMAND
The WRITE_PORT_SEL command consists of a command
byte (0x84) and two data bytes from the host. The data bytes
configure the pullup/pulldown device (if enabled) for the cor-
responding general-purpose I/O ports as pullups (0) or pull-
downs (1). The first data byte controls ports GPIO_15 through
GPIO_08, and the second byte controls ports GPIO_07
through GPIO_00.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
0
0
1
0
1
Bit
Value
Description
GPIO_xx
0
GPIO port pin pullup/pulldown device is a pullup.
1
GPIO port pin pullup/pulldown device is a pulldown.
17.6 WRITE_PORT_SEL COMMAND
The WRITE_PORT_SEL command consists of a command
byte (0x85) and two data bytes from the host. The data bytes
configure the corresponding general-purpose I/O ports as in-
puts (0) or outputs (1). The first data byte controls ports
GPIO_15 through GPIO_08, and the second byte controls
ports GPIO_07 through GPIO_00.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
0
0
1
0
1
0
Bit
Value
Description
GPIO_xx
0
GPIO port pin is an input.
1
GPIO port pin is an output.
The GPIO_09 port pin can only be configured as an input with
weak pullup/pulldown device.
31
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com