Electronic Components Datasheet Search
  English  ▼

X  

LM8322 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 5Page - National Semiconductor (TI) LM8322 Datasheet HTML 6Page - National Semiconductor (TI) LM8322 Datasheet HTML 7Page - National Semiconductor (TI) LM8322 Datasheet HTML 8Page - National Semiconductor (TI) LM8322 Datasheet HTML 9Page - National Semiconductor (TI) LM8322 Datasheet HTML 10Page - National Semiconductor (TI) LM8322 Datasheet HTML 11Page - National Semiconductor (TI) LM8322 Datasheet HTML 12Page - National Semiconductor (TI) LM8322 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9.3 CLOCK CONFIGURATION
Table 2 shows the clock configurations available by loading
the clock configuration register with the WRITE_CLOCK com-
mand. The WRITE_CLOCK command must be issued only
once during system initialization. This command is used to
override the default settings.
TABLE 2. Clock Configuration Register
7
6
5
4
3
2
1
0
0
SLOWCLKOUT
0
0
SLOWCLKEN
0
RCPWM
Bit
Value
Description
SLOWCLKOUT
0
Disable SLOWCLKOUT buffer.
1
Enable SLOWCLKOUT buffer.
SLOWCLKEN
0
External 32.768 kHz crystal is installed between the XTAL_IN and XTAL_OUT pins.
1
External 32.768 kHz clock is received on the SLOWCLK pin, or no 32.768 kHz clock
is required.
RCPWM
00
On-chip RC clock divided by 64 drives the PWM and clock buffer.
01
Reserved.
10
Reserved.
11
External 32.768 kHz clock or crystal drives the PWM and clock buffer.
The SLOWCLKOUT signal is an alternate function of the pin
used for the KP-Y8 scanning output and the GPIO_03 port. If
the SLOWCLKOUT function is enabled, these other functions
of the pin are unavailable.
9
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com