Electronic Components Datasheet Search
  English  ▼

X  

LM8322 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 6Page - National Semiconductor (TI) LM8322 Datasheet HTML 7Page - National Semiconductor (TI) LM8322 Datasheet HTML 8Page - National Semiconductor (TI) LM8322 Datasheet HTML 9Page - National Semiconductor (TI) LM8322 Datasheet HTML 10Page - National Semiconductor (TI) LM8322 Datasheet HTML 11Page - National Semiconductor (TI) LM8322 Datasheet HTML 12Page - National Semiconductor (TI) LM8322 Datasheet HTML 13Page - National Semiconductor (TI) LM8322 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
10.0 Reset
The LM8322 may be reset by either an external reset, RE-
SET command, or an internally generated power-on reset
(POR) signal. The RESET input must not be allowed to float.
If the external RESET input is not used, it must be connected
to VCC, either directly or through a pull-up resistor.
10.1 EXTERNAL RESET
The device enters a reset state immediately when the RE-
SET input is driven low. RESET must be held low for a
minimum of 700 ns to guarantee a valid reset. If RESET is
asserted at power-on, it must be held low until V
CC rises above
the minimum operating voltage (1.62V). If an RC circuit is
used to drive RESET, it must have a time constant 5 times
(5×) greater than the V
CC rise time to this level.
When RESET goes low, the I/O ports are initialized immedi-
ately, any observed delay being only propagation delay.
When the RESET pin goes high, the LM8322 comes out of
the reset state within about 1400 ns.
10.2 POWER-ON RESET (POR)
The POR circuit is always enabled. When V
CC rises above the
POR threshold voltage VPOR (about 1.2–1.5V), an on-chip
reset signal is asserted. The V
CC rise time must be greater
than 20 µs and less than 10 ms, otherwise the on-chip reset
signal may deassert before V
CC reaches the minimum oper-
ating voltage. While V
CC is below VPOR, the LM8322 is held
in reset and a timer clocked by the on-chip RC clock is preset
with 0xFF (256 clock cycles). When V
CC reaches a value
greater than VPOR, the timer starts counting down. When it
underflows, the on-chip reset signal is deasserted and the
LM8322 begins operation.
10.3 PIN CONFIGURATION AFTER RESET
Table 2 shows the pin configuration after reset.
TABLE 3. Pin Configuration After Reset
Pins
After Reset
After LM8322 Initialization
KP-X00
High-impedance mode.
Input mode with an on-chip pullup enabled.
KP-X01
KP-X02
KP-X03
High-impedance mode.
High-impedance mode, until host configures them as keypad inputs
or GPIO.
KP-X04
KP-X05
KP-X06
KP-X07
KP-Y00
High-impedance mode.
Active drive low.
KP-Y01
KP-Y02
KP-Y03
High-impedance mode.
High-impedance mode, until host configures them as keypad outputs
or GPIO.
KP-Y04
KP-Y05
KP-Y06
KP-Y07
KP-Y08
KP-Y09
KP-Y10
KP-Y11
CONFIG_1
High-impedance mode.
The ACCESS.bus slave address must be selected with external
pullup or pulldown resistors or direct connections to V
CC or GND.
CONFIG_2
IRQ
High-impedance mode.
Active drive low.
PWM_0
High-impedance mode.
High-impedance mode.
PWM_1
PWM_2
ACB_SDA
Open-drain mode.
Open-drain mode.
ACB_SCL
XTAL_IN
High-impedance mode.
High-impedance mode. Terminate to V
CC or GND if not used.
XTAL_OUT
Weak pullup device.
Weak pullup device.
RESET
High-impedance mode.
High-impedance mode.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com