Electronic Components Datasheet Search
  English  ▼

X  

P89V51RC2FN Datasheet(PDF) 29 Page - NXP Semiconductors

Part # P89V51RC2FN
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RC2FN Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button P89V51RC2FN Datasheet HTML 25Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 26Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 27Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 28Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 29Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 30Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 31Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 32Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
29 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
6.4.1 Mode 0
Putting either Timer into mode 0 makes it look like an 8048 Timer, which is an 8-bit
Counter with a fixed divide-by-32 prescaler. Figure 8 shows mode 0 operation.
In this mode, the Timer register is configured as a 13-bit register. As the count rolls over
from all 1s to all 0s, it sets the Timer interrupt flag TFn. The count input is enabled to the
Timer when TRn = 1 and either GATE = 0 or INTn = 1. (Setting GATE = 1 allows the Timer
to be controlled by external input INTn, to facilitate pulse width measurements). TRn is a
control bit in the Special Function Register TCON (Figure 7). The GATE bit is in the TMOD
register.
The 13-bit register consists of all 8 bits of THn and the lower 5 bits of TLn. The upper
3 bits of TLn are indeterminate and should be ignored. Setting the run flag (TRn) does not
clear the registers.
Mode 0 operation is the same for Timer 0 and Timer 1 (see Figure 8). There are two
different GATE bits, one for Timer 1 (TMOD.7) and one for Timer 0 (TMOD.3).
6.4.2 Mode 1
Mode 1 is the same as mode 0, except that all 16 bits of the timer register (THn and TLn)
are used. See Figure 9.
2
IT1
Interrupt 1 Type control bit. Set/cleared by software to specify falling
edge/low level that triggers external interrupt 1.
1
IE0
Interrupt 0 Edge flag. Set by hardware when external interrupt 0
edge/low level is detected. Cleared by hardware when the interrupt is
processed, or by software.
0
IT0
Interrupt 0 Type control bit. Set/cleared by software to specify falling
edge/low level that triggers external interrupt 0.
Table 18.
TCON - Timer/counter control register (address 88H) bit description …continued
Bit
Symbol
Description
Fig 8.
Timer/counter 0 or 1 in mode 0 (13-bit counter)
002aaa519
osc/6
Tn pin
TRn
TnGate
INTn pin
C/T = 0
C/T = 1
TLn
(5-bits)
THn
(8-bits)
TFn
control
overflow
interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com