Electronic Components Datasheet Search
  English  ▼

X  

P89V51RC2FN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P89V51RC2FN
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RC2FN Datasheet(HTML) 3 Page - NXP Semiconductors

  P89V51RC2FN Datasheet HTML 1Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 2Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 3Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 4Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 5Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 6Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 7Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 8Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
3 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
4.
Block diagram
Fig 1.
Block diagram
HIGH PERFORMANCE
80C51 CPU
16/32/64 kB
CODE FLASH
1 kB
DATA RAM
OSCILLATOR
internal
bus
CRYSTAL
OR
RESONATOR
002aac772
UART
PORT 2
SPI
TIMER 2
TIMER 0
TIMER 1
PCA
PROGRAMMABLE
COUNTER ARRAY
WATCHDOG TIMER
XTAL1
XTAL2
PORT 3
P3[7:0]
P2[7:0]
PORT 1
P1[7:0]
PORT 0
P0[7:0]
CEX[4:0]
TXD
RXD
T0
T1
T2
T2EX
SPICLK
MOSI
MISO
SS
P89V51RB2/RC2/RD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com