Electronic Components Datasheet Search
  English  ▼

X  

P89V51RC2FN Datasheet(PDF) 36 Page - NXP Semiconductors

Part # P89V51RC2FN
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RC2FN Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button P89V51RC2FN Datasheet HTML 32Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 33Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 34Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 35Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 36Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 37Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 38Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 39Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
36 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
TCLK = 1, Timer 2 is used as the UART transmit baud rate generator. RCLK has the same
effect for the UART receive baud rate. With these two bits, the serial port can have
different receive and transmit baud rates – Timer 1 or Timer 2.
Figure 15 shows Timer 2 in baud rate generator mode:
The baud rate generation mode is like the auto-reload mode, when a rollover in TH2
causes the Timer 2 registers to be reloaded with the 16-bit value in registers RCAP2H and
RCAP2L, which are preset by software.
The baud rates in modes 1 and 3 are determined by Timer 2’s overflow rate given below:
Modes 1 and 3 baud rates = Timer 2 Overflow Rate / 16
The timer can be configured for either ‘timer’ or ‘counter’ operation. In many applications,
it is configured for ‘timer' operation (C/T2 = 0). Timer operation is different for Timer 2
when it is being used as a baud rate generator.
Usually, as a timer it would increment every machine cycle (i.e., 1
⁄
6 the oscillator
frequency). As a baud rate generator, it increments at the oscillator frequency. Thus the
baud rate formula is as follows:
Modes 1 and 3 baud rates =
(3)
n = 32 in X1 mode, 16 in X2 mode
Where: (RCAP2H, RCAP2L) = The content of RCAP2H and RCAP2L taken as a 16-bit
unsigned integer.
The Timer 2 as a baud rate generator mode is valid only if RCLK and/or TCLK = 1 in
T2CON register. Note that a rollover in TH2 does not set TF2, and will not generate an
interrupt. Thus, the Timer 2 interrupt does not have to be disabled when Timer 2 is in the
baud rate generator mode. Also if the EXEN2 (T2 external enable flag) is set, a 1-to-0
transition in T2EX (Timer/counter 2 trigger input) will set EXF2 (T2 external flag) but will
Fig 15. Timer 2 in Baud Rate Generator mode
002aaa526
TX/RX baud rate
timer 2
interrupt
OSC
÷2
T2 pin
C/T2 = 0
C/T2 = 1
TL2
(8-bits)
TH2
(8-bits)
control
TR2
EXF2
RCAP2L RCAP2H
control
EXEN2
transition
detector
T2EX pin
reload
OscillatorFrequency
n
65536
RCAP2H RCAP2L
,
()
–
()
×
()
------------------------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com