Electronic Components Datasheet Search
  English  ▼

X  

P89V51RC2FN Datasheet(PDF) 31 Page - NXP Semiconductors

Part # P89V51RC2FN
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RC2FN Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button P89V51RC2FN Datasheet HTML 27Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 28Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 29Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 30Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 31Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 32Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 33Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 34Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
31 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
6.5 Timer 2
Timer 2 is a 16-bit Timer/counter which can operate as either an event timer or an event
counter, as selected by C/T2 in the special function register T2CON. Timer 2 has four
operating modes: Capture, Auto-reload (up or down counting), Clock-out, and Baud Rate
Generator which are selected according to Table 19 using T2CON (Table 20 and
Table 21) and T2MOD (Table 22 and Table 23).
Fig 11. Timer/counter 0 mode 3 (two 8-bit counters)
002aaa522
osc/2
TR1
TR0
TnGate
INT0 pin
TL0
(8-bits)
TF0
control
overflow
interrupt
TH0
(8-bits)
TF1
control
overflow
interrupt
osc/6
T0 pin
C/T = 0
C/T = 1
Table 19.
Timer 2 operating mode
RCLK + TCLK
CP/RL2
TR2
T2OE
Mode
0
0
1
0
16-bit auto reload
0
1
1
0
16-bit capture
0
0
1
1
programmable clock-out
1
X
1
0
baud rate generator
X
X
0
X
off
Table 20.
T2CON - Timer/counter 2 control register (address C8H) bit allocation
Bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
Table 21.
T2CON - Timer/counter 2 control register (address C8H) bit description
Bit
Symbol
Description
7
TF2
Timer 2 overflow flag set by a Timer 2 overflow and must be cleared by
software. TF2 will not be set when either RCLK or TCLK = 1 or when
Timer 2 is in Clock-out mode.
6
EXF2
Timer 2 external flag is set when Timer 2 is in capture, reload or
baud-rate mode, EXEN2 = 1 and a negative transition on T2EX
occurs. If Timer 2 interrupt is enabled EXF2 = 1 causes the CPU to
vector to the Timer 2 interrupt routine. EXF2 must be cleared by
software.
5
RCLK
Receive clock flag. When set, causes the UART to use Timer 2
overflow pulses for its receive clock in modes 1 and 3. RCLK = 0
causes Timer 1 overflow to be used for the receive clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com