Electronic Components Datasheet Search
  English  ▼

X  

P89V51RC2FN Datasheet(PDF) 34 Page - NXP Semiconductors

Part # P89V51RC2FN
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RC2FN Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button P89V51RC2FN Datasheet HTML 30Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 31Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 32Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 33Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 34Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 35Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 36Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 37Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
34 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
In this mode, there are two options selected by bit EXEN2 in T2CON register. If
EXEN2 = 0, then Timer 2 counts up to 0FFFFH and sets the TF2 (Overflow Flag) bit upon
overflow. This causes the Timer 2 registers to be reloaded with the 16-bit value in
RCAP2L and RCAP2H. The values in RCAP2L and RCAP2H are preset by software
means.
Auto reload frequency when Timer 2 is counting up can be determined from this formula:
(1)
Where SupplyFrequency is either fosc (C/T2 = 0) or frequency of signal on T2 pin
(C/T2 = 1).
If EXEN2 = 1, a 16-bit reload can be triggered either by an overflow or by a 1-to-0
transition at input T2EX. This transition also sets the EXF2 bit. The Timer 2 interrupt, if
enabled, can be generated when either TF2 or EXF2 is ‘1’.
Microcontroller’s hardware will need three consecutive machine cycles in order to
recognize falling edge on T2EX and set EXF2 = 1: in the first machine cycle pin T2EX has
to be sampled as ‘1’; in the second machine cycle it has to be sampled as ‘0’, and in the
third machine cycle EXF2 will be set to ‘1’.
In Figure 14, DCEN = 1 and Timer 2 is enabled to count up or down. This mode allows pin
T2EX to control the direction of count. When a logic ‘1’ is applied at pin T2EX Timer 2 will
count up. Timer 2 will overflow at 0FFFFH and set the TF2 flag, which can then generate
an interrupt, if the interrupt is enabled. This timer overflow also causes the 16-bit value in
RCAP2L and RCAP2H to be reloaded into the timer registers TL2 and TH2.
Fig 13. Timer 2 in auto-reload mode (DCEN = 0)
002aaa524
OSC
÷6
T2 pin
C/T2 = 0
C/T2 = 1
TL2
(8-bits)
TH2
(8-bits)
TF2
control
reload
TR2
timer 2
interrupt
EXF2
RCAP2L RCAP2H
control
EXEN2
transition
detector
T2EX pin
SupplyFrequency
65536
RCAP2H RCAP2L
,
()
∠
()
--------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com