Electronic Components Datasheet Search
  English  ▼

X  

P89V51RC2FN Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P89V51RC2FN
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RC2FN Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P89V51RC2FN Datasheet HTML 7Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 8Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 9Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 10Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 11Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 12Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 13Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 14Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 4.
Special function registers
* indicates SFRs that are bit addressable
Name
Description
SFR
address
Bit functions and addresses
MSB
LSB
Bit address
E7
E6
E5
E4
E3
E2
E1
E0
ACC*
Accumulator
E0H
AUXR
Auxiliary function register
8EH
------
EXTRAM
AO
AUXR1
Auxiliary function register 1
A2H
-
-
-
GF2
0
-
DPS
Bit address
F7
F6
F5
F4
F3
F2
F1
F0
B*
B register
F0H
CCAP0H
Module 0 Capture HIGH
FAH
CCAP1H
Module 1 Capture HIGH
FBH
CCAP2H
Module 2 Capture HIGH
FCH
CCAP3H
Module 3 Capture HIGH
FDH
CCAP4H
Module 4 Capture HIGH
FEH
CCAP0L
Module 0 Capture LOW
EAH
CCAP1L
Module 1 Capture LOW
EBH
CCAP2L
Module 2 Capture LOW
ECH
CCAP3L
Module 3 Capture LOW
EDH
CCAP4L
Module 4 Capture LOW
EEH
CCAPM0
Module 0 Mode
DAH
-
ECOM_0
CAPP_0
CAPN_0
MAT_0
TOG_0
PWM_0
ECCF_0
CCAPM1
Module 1 Mode
DBH
-
ECOM_1
CAPP_1
CAPN_1
MAT_1
TOG_1
PWM_1
ECCF_1
CCAPM2
Module 2 Mode
DCH
-
ECOM_2
CAPP_2
CAPN_2
MAT_2
TOG_2
PWM_2
ECCF_2
CCAPM3
Module 3 Mode
DDH
-
ECOM_3
CAPP_3
CAPN_3
MAT_3
TOG_3
PWM_3
ECCF_3
CCAPM4
Module 4 Mode
DEH
-
ECOM_4
CAPP_4
CAPN_4
MAT_4
TOG_4
PWM_4
ECCF_4
Bit address
DF
DE
DD
DC
DB
DA
D9
D8
CCON*
PCA Counter Control
D8H
CF
CR
-
CCF4
CCF3
CCF2
CCF1
CCF0
CH
PCA Counter HIGH
F9H
CL
PCA Counter LOW
E9H
CMOD
PCA Counter Mode
D9H
CIDL
WDTE
-
-
-
CPS1
CPS0
ECF
DPTR
Data Pointer (2 B)
DPH
Data Pointer HIGH
83H
DPL
Data Pointer LOW
82H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com