Electronic Components Datasheet Search
  English  ▼

X  

P89V51RC2FN Datasheet(PDF) 53 Page - NXP Semiconductors

Part # P89V51RC2FN
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RC2FN Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button P89V51RC2FN Datasheet HTML 49Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 50Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 51Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 52Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 53Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 54Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 55Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 56Page - NXP Semiconductors P89V51RC2FN Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
53 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
6.9.4 PWM mode
All of the PCA modules can be used as PWM outputs (Figure 26). Output frequency
depends on the source for the PCA timer.
All of the modules will have the same frequency of output because they all share one and
only PCA timer. The duty cycle of each module is independently variable using the
module’s capture register CCAPnL. When the value of the PCA CL SFR is less than the
Fig 25. PCA high-speed output mode
002aaa540
toggle
CEXn
CF
CR
-
CCF4
CCF3
CCF2
CCF1
CCF0
CCON
(D8H)
PCA
interrupt
-
ECOMn
00
1
0
0
CAPPn
CAPNn
MATn
TOGn
PWMn
ECCFn
CCAPMn, n = 0 to 4
(DAH to DEH)
16-BIT COMPARATOR
PCA timer/counter
CH
CL
match
(to CCFn)
CCAPnH
CCAPnL
enable
write to
CCAPnH
write to
CCAPnL
reset
01
Fig 26. PCA PWM mode
002aaa541
-
ECOMn
0
1
0
001
1
CAPPn
CAPNn
MATn
TOGn
PWMn
ECCFn
CCAPMn, n = 0 to 4
(DAH to DEH)
CCAPnL
8-BIT COMPARATOR
PCA timer/counter
CCAPnH
CL
enable
CEXn
CL
< CCAPnL
CL
≥ CCAPnL
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com