Electronic Components Datasheet Search
  English  ▼

X  

FH28 Datasheet(PDF) 5 Page - Hirose Electric

Part # FH28
Description  0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH28 Datasheet(HTML) 5 Page - Hirose Electric

  FH28 Datasheet HTML 1Page - Hirose Electric FH28 Datasheet HTML 2Page - Hirose Electric FH28 Datasheet HTML 3Page - Hirose Electric FH28 Datasheet HTML 4Page - Hirose Electric FH28 Datasheet HTML 5Page - Hirose Electric FH28 Datasheet HTML 6Page - Hirose Electric FH28 Datasheet HTML 7Page - Hirose Electric FH28 Datasheet HTML 8Page - Hirose Electric FH28 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FH28 Seriesq0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
H±0.1
J±0.1
A±0.05
0.5±0.05
0.3±0.03(Land)
0.25±0.03(Metal mask)
H±0.1
J±0.1
A±0.05
0.5±0.05
0.3±0.03(Land)
0.25±0.03(Metal mask)
R0.2MAX
R0.2
0.5±0.05
0.3±0.03
0.3±0.05
0.5±0.1
0.5±0.1
A±0.05
F±0.07
G±0.1
1
sRecommended PCB mounting pattern and metal mask dimensions
sRecommended FPC/FFC dimensions
Recommended metal mask thickness: 0.15 mm.
Standard type(FH28, FH28D)
Space saving type(FH28H)
Unit: mm
Part Number
FH28-10S-0.5SH(**)
FH28-15S-0.5SH(**)
FH28D-20S-0.5SH(**)
FH28D-28S-0.5SH(**)
FH28D-30S-0.5SH(**)
FH28-40S-0.5SH(**)
FH28-45S-0.5SH(**)
FH28D-50S-0.5SH(**)
FH28D-55S-0.5SH(**)
FH28-60S-0.5SH(**)
FH28D-64S-0.5SH(**)
FH28D-68S-0.5SH(**)
FH28D-74S-0.5SH(**)
FH28H-80S-0.5SH(**)
CL586-1861-4-**
CL586-1868-3-**
CL586-1823-5-**
CL586-1835-4-**
CL586-1827-6-**
CL586-1803-8-**
CL586-1848-6-**
CL586-1808-1-**
CL586-1821-0-**
CL586-1811-6-**
CL586-1813-1-**
CL586-1819-8-**
CL586-1828-9-**
CL586-1805-3-**
10
15
20
28
30
40
45
50
55
60
64
68
74
80
5.5
8
10.5
14.5
15.5
20.5
23
25.5
28.0
30.5
32.5
34.5
37.5
40.5
7.1
9.6
12.1
16.1
17.1
22.1
24.6
27.1
29.6
32.1
34.1
36.1
39.1
42.1
10.6
13.1
15.6
19.6
20.6
25.6
28.1
30.6
33.1
35.6
37.6
39.6
42.6
46.7
7
9.5
12.0
16.0
17.0
22.0
24.5
27.0
29.5
32.0
34.0
36.0
39.0
42.0
CL No.
Number of contacts
F
G
H
J
Notes
1 Straight type FPC / FFC does not have the side-protruding retention tabs (cross-hatched areas).
2 W dimension should be 3.5mm min.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com