Electronic Components Datasheet Search
  English  ▼

X  

FH28 Datasheet(PDF) 2 Page - Hirose Electric

Part # FH28
Description  0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH28 Datasheet(HTML) 2 Page - Hirose Electric

  FH28 Datasheet HTML 1Page - Hirose Electric FH28 Datasheet HTML 2Page - Hirose Electric FH28 Datasheet HTML 3Page - Hirose Electric FH28 Datasheet HTML 4Page - Hirose Electric FH28 Datasheet HTML 5Page - Hirose Electric FH28 Datasheet HTML 6Page - Hirose Electric FH28 Datasheet HTML 7Page - Hirose Electric FH28 Datasheet HTML 8Page - Hirose Electric FH28 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FH28 Seriesq0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
2
FH 28
D - 50S - 0.5 SH (05)
sProduct Specifications
Storage temperature range
-10ç to +50ç (Note 3)
Storage humidity range
Relative humidity 90% max
sMaterials / Finish
Insulator
LCP
Color: Gray
UL94V-0
Actuator
LCP
Color: Black
Contacts
Phosphor bronze
Gold plated
-------
Metal fittings
Brass
Tin plated
-------
Part
Material
Finish
Remarks
Note 1: When passing the current through all of the contacts,use 70% of the current rating.
Note 2: Includes temperature rise caused by current flow.
Note 3: The term “storage” refers to products stored for long period of time prior to mounting and use. Operating Temperature
Range and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during
transportation.
Note.4: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and
specifications for a specific part number shown.
Item
Specification
Conditions
sOrdering information
Series name
: FH
Series No.
: 28
Blank,D
: Standard
H
: Space saving type
Number of positions : 10 to 80
Contact pitch : 0.5mm
Termination type : SMT horizontal mounting type
specifications
(05)…Gold plated,2,000 pieces / reel
(10)…Partial gold plated,2,000 pieces / reel
(07)…Gold plated(only 40pos.),2,000 pieces / reel
(98)…Gold plated,500 pieces / reel
1
2
3
4
5
1
2
3
4
5
6
7
6
7
Rating
Rated current 0.5A DC(Note.1)
Rated voltage 50V AC
Operating temperature range-40ç to +85ç(Note 2)
Operating humidity rangeRelative humidity 90% max.
(No condensation)
Recommended FPC/FFC Thickness: = 0.3 ± 0.05mm Gold plated contact traces
1.Insulation resistance
2.Withstanding voltage
3.Contact resistance
4.Durability
(insertion/ withdrawal)
5.Vibration
6.Shock
7.Humidity
(Steady state)
8.Temperature cycle
9.Resistance to
soldering heat
500 Mø min
No flashover or insulation breakdown.
50 mø max.
* Including FPC/FFC conductor resistance
Contact resistance: 50 mø max.
No damage, cracks, or parts dislocation.
No electrical discontinuity of 1µs or more.
Contact resistance: 50 mø max.
No damage, cracks, or parts dislocation.
No electrical discontinuity of 1µs. min.
Contact resistance: 50 mø max.
No damage, cracks, or parts dislocation.
Contact resistance: 50 mø max.
Insulation resistance: 50 Mø min.
No damage, cracks, or parts dislocation.
Contact resistance: 50 mø max.
Insulation resistance: 50 Mø min.
No damage, cracks, or parts looseness.
No deformation of components affecting
performance.
100 V DC
150 V AC /one minute
1 mA (DC or 1000Hz)
20 cycles
Frequency: 10 to 55 Hz, single amplitude of 0.75
mm, 10 cycles in each of the 3 directions.
Acceleration of 981 m/s2, 6 ms duration, sine half-
wave waveform, 3 cycles in each of the 3 axis.
96 hours at temperature of 40ç and humidity of
90% to 95%.
Temperature: -40ç➝+15ç to+35ç➝+85ç➝+15ç to +35ç
Time: 30➝2 to 3➝30➝2 to 3 (Minutes)
5 cycles
Reflow: At the recommended temperature profile
Manual soldering: 350ç ± 5ç for 5 seconds
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com