Electronic Components Datasheet Search
  English  ▼

X  

FH28 Datasheet(PDF) 11 Page - Hirose Electric

Part # FH28
Description  0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH28 Datasheet(HTML) 11 Page - Hirose Electric

Back Button FH28 Datasheet HTML 3Page - Hirose Electric FH28 Datasheet HTML 4Page - Hirose Electric FH28 Datasheet HTML 5Page - Hirose Electric FH28 Datasheet HTML 6Page - Hirose Electric FH28 Datasheet HTML 7Page - Hirose Electric FH28 Datasheet HTML 8Page - Hirose Electric FH28 Datasheet HTML 9Page - Hirose Electric FH28 Datasheet HTML 10Page - Hirose Electric FH28 Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
FH28 Seriesq0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
sPrecautions (mating/un-mating FPC with the retention tabs)
Operation
Precautions
2 Avoid “ride on”
Avoid insertion so the cables ride on any guide. Be
sure NOT to close the actuator as the cables ride
on any guide. It may cause conduction failure.
1.How to insert
Insert the cable into the interspace between the
mold walls (
) at both ends of entrance where
the connector is inserted and the guide walls (
)
at both ends of interior connector so the cable tabs
are properly located.
1
2.Precautions when mating /un-mating
Avoid insertion in diagonal direction.
Do not insert the cable in diagonal direction.
A part of the connector may touches the contacts
resulting in deformation of the contacts.
Insert the cable straight into the connector and
hook the cable tabs with the guide.
After insertion, slightly pull the cables to make sure
the cable tabs are firmly secured. No removal of the
cable means correct insertion.
In the event it is locked as the cables ride on a
guide, absolutely avoid moving the cable. In this
case, open the actuator and re-insert the cable as
instructed in “1.How to insert”.
1 Insert the cable
straight and obliquely
from above.
2 Slightly pull the cable
to make sure the tabs
are firmly secured.
3 Close the actuator.
Ride on a left guide
Ride on a right guide
Correct insertion
Do not close the actuator
as the cables ride on.
Do not move the cables back and forth and around as the
cables ride on the guide when the actuator is closed.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com