Electronic Components Datasheet Search
  English  ▼

X  

FH28 Datasheet(PDF) 8 Page - Hirose Electric

Part # FH28
Description  0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH28 Datasheet(HTML) 8 Page - Hirose Electric

Back Button FH28 Datasheet HTML 3Page - Hirose Electric FH28 Datasheet HTML 4Page - Hirose Electric FH28 Datasheet HTML 5Page - Hirose Electric FH28 Datasheet HTML 6Page - Hirose Electric FH28 Datasheet HTML 7Page - Hirose Electric FH28 Datasheet HTML 8Page - Hirose Electric FH28 Datasheet HTML 9Page - Hirose Electric FH28 Datasheet HTML 10Page - Hirose Electric FH28 Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FH28 Seriesq0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
61.4
57.4
40.5
45.3
46.3
26.2
52.4
80
CL586-1805-3-**
FH28H-80S-0.5SH(**)
Unit: mm
Part Number
CL No.
Number of contacts
L
M
N
Q
R
S
T
56
K
Space saving type (FH28H)
K
----------
----------
----------
28.4
28.4
40.4
40.4
40.4
40.4
52.4
52.4
52.4
52.4
Unit: mm
Part Number
CL No.
Number of contacts
FH28-10S-0.5SH(**)
FH28-15S-0.5SH(**)
FH28D-20S-0.5SH(**)
FH28D-28S-0.5SH(**)
FH28D-30S-0.5SH(**)
FH28-40S-0.5SH(**)
FH28-45S-0.5SH(**)
FH28D-50S-0.5SH(**)
FH28D-55S-0.5SH(**)
FH28-60S-0.5SH(**)
FH28D-64S-0.5SH(**)
FH28D-68S-0.5SH(**)
FH28D-74S-0.5SH(**)
CL586-1861-4-**
CL586-1868-3-**
CL586-1823-5-**
CL586-1835-4-**
CL586-1827-6-**
CL586-1803-8-**
CL586-1848-6-**
CL586-1808-1-**
CL586-1821-0-**
CL586-1811-6-**
CL586-1813-1-**
CL586-1819-8-**
CL586-1828-9-**
10
15
20
28
30
40
45
50
55
60
64
68
74
24
24
24
32
32
44
44
44
44
56
56
56
56
L
29.4
29.4
29.4
37.4
37.4
37.4
49.4
49.4
49.4
61.4
61.4
61.4
61.4
25.4
25.4
25.4
33.4
33.4
33.4
45.4
45.4
45.4
57.4
57.4
57.4
57.4
5.5
8
10.5
14.5
15.5
20.5
23
25.5
28.0
30.5
32.5
34.5
42.3
10.3
8.8
15.3
19.3
20.3
25.3
27.8
30.3
32.8
35.3
37.3
39.3
43.3
11.5
11.5
11.5
14.2
14.2
20.2
20.2
20.2
20.2
26.2
26.2
26.2
26.2
M
N
Q
S
T
Standard (FH28,FH28D)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com