Electronic Components Datasheet Search
  English  ▼

X  

FH28 Datasheet(PDF) 10 Page - Hirose Electric

Part # FH28
Description  0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH28 Datasheet(HTML) 10 Page - Hirose Electric

Back Button FH28 Datasheet HTML 3Page - Hirose Electric FH28 Datasheet HTML 4Page - Hirose Electric FH28 Datasheet HTML 5Page - Hirose Electric FH28 Datasheet HTML 6Page - Hirose Electric FH28 Datasheet HTML 7Page - Hirose Electric FH28 Datasheet HTML 8Page - Hirose Electric FH28 Datasheet HTML 9Page - Hirose Electric FH28 Datasheet HTML 10Page - Hirose Electric FH28 Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FH28 Seriesq0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
sOperation and Precautions
Operation
Precautions
1
1
3
Do not force the actuator to open beyond its fully open
position. Do not use any type of tool to open the actuator.
116°
2
Properly insert the FPC at the positioning part of the connector.
Locking the FPC while it is partially inserted, may cause lock
damage, disconnection of the FPC, or continuity fault.
1.FPC/FFC insertion procedure.
Connector installed on the board.
Lift up the actuator. Use thumb or index finger
2
Fully insert the FPC in the connector parallel to
mounting surface, with the exposed conductive
traces facing down.
Rotate down the actuator until firmly closed. It is
critical that the inserted FPC/FFC is not moved and
remains fully inserted.
2.FPC/FFC removal
Fully open the actuator.
Carefully withdraw the FPC/FFC exercising caution
not to deform or damage it.
Do not forcefully bend the FFC/FPC upward.
Consult FFC/FPC manufacturer for the
recommended bend radiuses.
4
For connectors with multiple contacts, such as 80
pos. rotate down the actuator pushing at both ends.
5
Application of excessive force to the inserted FPC/FFC may cause damage to
connector and may affect the reliability of electrical connection.
If specific application requires continuous or repeated pull or bend of the inserted
FPC/FFC, assure that the forces are NOT transmitted directly to the connector.
3
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com