Electronic Components Datasheet Search
  English  ▼

X  

FH28 Datasheet(PDF) 6 Page - Hirose Electric

Part # FH28
Description  0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH28 Datasheet(HTML) 6 Page - Hirose Electric

Back Button FH28 Datasheet HTML 2Page - Hirose Electric FH28 Datasheet HTML 3Page - Hirose Electric FH28 Datasheet HTML 4Page - Hirose Electric FH28 Datasheet HTML 5Page - Hirose Electric FH28 Datasheet HTML 6Page - Hirose Electric FH28 Datasheet HTML 7Page - Hirose Electric FH28 Datasheet HTML 8Page - Hirose Electric FH28 Datasheet HTML 9Page - Hirose Electric FH28 Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FH28 Seriesq0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
sFH28 Series FPC Construction (Recommended Specifications)
1. Using Single-sided FPC
1. This specification is a recommendation for the construction of the FH28 Series FPC and FFC (t=0.3 ± 0.05).
2. For details about the construction, please contact the FPC/FFC manufacturers.
3. Using FFC
4. Precautions
FPC : Flexible Printed Circuit
Material Name
Surface treatment
Copper foil
Base adhesive
Base film
Reinforcement material adhesive
Stiffener
Material
Thickness (µm)
Cu
1oz
Polyimide
1 mil thick
Thermosetting adhesive
Polyimide
3 mil thick
Total
Covering film layer.
Cover adhesive
Polyimide
1 mil thick.
3
35
25
25
30
175
293
25
25
FFC : Flexible Flat Cable
Adhesive
Polyester
Adhesive
Stiffener
Polyester film
Adhesive
Polyester
Polyester
Polyester
Total
Thermoplastic polyester
12
30
35
30
12
30
188
295
Material Name
Material
Thickness (µm)
Connecting side
Back side
Connecting side
Back side
0.2µm thick gold plated over 1 to 5µm
thick nickel underplating
Copper foil
Cover adhesive
Covering layer film
Reinforcement material adhesive
Stiffener
2. Using Double-sided FPC
FPC : Flexible Printed Circuit
Covering layer film
Cover adhesive
Surface treatment
Through-hole copper
Copper foil
Base adhesive
Base film
Base adhesive
Cu
1/2oz
Polyimide
1 mil thick
Thermosetting adhesive
Polyimide
1 mil thick
Total
18
25
25
50
100
297
Polyimide
1 mil thick
Cu
Cu
1/2oz
Polyimide
1 mil thick
3
15
18
18
25
18
Material Name
Material
Thickness (µm)
* To prevent release of the lock due to FPC bending, use of the FPC with copper foil on the back side is NOT RECOMMENDED.
Connecting side
Back side
0.2µm thick gold plated over 1 to 5µm
thick nickel underplating
Gold plated annealed copper foil
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com