Electronic Components Datasheet Search
  English  ▼

X  

ADUM3471ARSZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADUM3471ARSZ
Description  PWM Controller and Transformer Driver with Quad-Channel Isolators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3471ARSZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADUM3471ARSZ Datasheet HTML 24Page - Analog Devices ADUM3471ARSZ Datasheet HTML 25Page - Analog Devices ADUM3471ARSZ Datasheet HTML 26Page - Analog Devices ADUM3471ARSZ Datasheet HTML 27Page - Analog Devices ADUM3471ARSZ Datasheet HTML 28Page - Analog Devices ADUM3471ARSZ Datasheet HTML 29Page - Analog Devices ADUM3471ARSZ Datasheet HTML 30Page - Analog Devices ADUM3471ARSZ Datasheet HTML 31Page - Analog Devices ADUM3471ARSZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
Rev. 0 | Page 30 of 32
POWER CONSUMPTION
The VCC power supply input provides power to the iCoupler data
channels, as well as to the power converter. For this reason, the
quiescent currents drawn by the data converter and the primary
and secondary I/O channels cannot be determined separately. All
of these quiescent power demands have been combined into the
ICC(Q) current, as shown in Figure 45. The total ICC supply current is
equal to the sum of the quiescent operating current; the dynamic
current, ICC (D), demanded by the I/O channels; and any external
IISO load.
CONVERTER
PRIMARY
PRIMARY
DATA
I/O
4CH
IDDP(D)
FB
SECONDARY
DATA
I/O
4CH
IISO(D)
IISO
ICC (Q)
ICC (D)
CONVERTER
SECONDARY
Figure 45. Power Consumption Within the ADuM347x
Dynamic I/O current is consumed only when operating a channel
at speeds higher than the refresh rate of fr. The dynamic current of
each channel is determined by its data rate. Figure 18 and Figure 22
show the current for a channel in the forward direction, meaning
that the input is on the VCC side of the part. Figure 19 and Figure 23
show the current for a channel in the reverse direction, meaning
that the input is on the VISO side of the part. Figure 18, Figure 19,
Figure 22, and Figure 23 assume a typical 15 pF output load.
The following relationship allows the total IDD1 current to be
ICC = (IISO × VISO)/(E × VCC) + Σ ICHn; n = 1 to 4
(1)
where:
ICC is the total supply input current.
IISO is the current drawn by the secondary side external load.
E is the power supply efficiency at the given output load from
Figure 13 or Figure 17 at the VISO and VCC condition of interest.
ICHn is the current drawn by a single channel determined from
Figure 18, Figure 19, Figure 22, or Figure 23, depending on
channel direction.
The maximum external load can be calculated by subtracting
the dynamic output load from the maximum allowable load.
IISO (LOAD) = IISO (MAX) − Σ IISO (D)n; n = 1 to 4
(2)
where:
I
The preceding analysis assumes a 15 pF capacitive load on each
data output. If the capacitive load is larger than 15 pF, the additional
current must be included in the analysis of IDD1 and IISO (LOAD).
POWER CONSIDERATIONS
Soft Start Mode and Current-Limit Protection
When the ADuM347x first receives power from VCC, it is in soft
start mode, and the output voltage VISO is increased gradually
while it is below the startup threshold. In soft start mode, the
width of the PWM signal is increased gradually by the primary
converter to limit the peak current during VISO power-up. When
the output voltage is larger than the startup threshold, the PWM
signal can be transferred from the secondary controller to the
primary converter, and the dc-to-dc converter switches from
soft start mode to the normal PWM control mode. If a short
circuit occurs, the push-pull converter shuts down for about 2
ms and then enters soft start mode. If, at the end of soft start, a
short circuit still exists, the process is repeated, which is called
hiccup mode. If the short circuit is cleared, the ADuM347x
enters normal operation.
The ADuM347x also has a pulse-by-pulse current limit, which
is active in startup and normal operation, and protects the primary
switches, X1 and X2, from exceeding approximately 1.2 A peak
and also protects the transformer windings.
Data Channel Power Cycle
The ADuM347x data input channels on the primary side and the
data input channels on the secondary side are protected from
premature operation by UVLO circuitry. Below the minimum
operating voltage, the power converter holds its oscillator inactive,
and all input channel drivers and refresh circuits are idle. Outputs
are held in a low state. This is to prevent transmission of undefined
states during power-up and power-down operations.
During application of power to VCC, the primary side circuitry
is held idle until the UVLO preset voltage is reached. At that time,
the data channels are initialized to their default low output state
until they receive data pulses from the secondary side.
The primary side input channels sample the input and send a pulse
to the inactive secondary output. The secondary side converter
begins to accept power from the primary, and the VISO voltage
starts to rise. When the secondary side UVLO is reached, the
secondary side outputs are initialized to their default low state
until data, either a transition or a dc refresh pulse, is received
from the corresponding primary side input. It can take up to
1 μs after the secondary side is initialized for the state of the
output to correlate with the primary side input.
ISO (LOAD)
is the current available to supply an external secondary
side load.
IISO (MAX) is the maximum external secondary side load current
available at VISO.
IISO (D)n is the dynamic load current drawn from VISO by an
output or input channel, as shown for a single supply in Figure 20
or Figure 21 or for a double supply in Figure 24 or Figure 25.
Secondary side inputs sample their state and transmit it to the
primary side. Outputs are valid one propagation delay after the
secondary side becomes active.
Because the rate of charge of the secondary side is dependent on
the soft start cycle, loading conditions, input voltage, and output
voltage level selected, care should be taken in the design to allow
the converter to stabilize before valid data is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com