Electronic Components Datasheet Search
  English  ▼

X  

ADUM3471ARSZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADUM3471ARSZ
Description  PWM Controller and Transformer Driver with Quad-Channel Isolators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3471ARSZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADUM3471ARSZ Datasheet HTML 19Page - Analog Devices ADUM3471ARSZ Datasheet HTML 20Page - Analog Devices ADUM3471ARSZ Datasheet HTML 21Page - Analog Devices ADUM3471ARSZ Datasheet HTML 22Page - Analog Devices ADUM3471ARSZ Datasheet HTML 23Page - Analog Devices ADUM3471ARSZ Datasheet HTML 24Page - Analog Devices ADUM3471ARSZ Datasheet HTML 25Page - Analog Devices ADUM3471ARSZ Datasheet HTML 26Page - Analog Devices ADUM3471ARSZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
Rev. 0 | Page 23 of 32
18
16
14
12
18
16
14
12
200
100
0
–2
0
2
4
6
8
10
12
14
TIME (ms)
COUT = 47µF, L1 = 47µH, L2 = 47µH
COUT = 47µF, L1 = 100µH, L2 = 100µH
10% LOAD
90% LOAD
Figure 33. Typical VISO Load Transient Response 5 V In to 15 V Out at 10% to
90% of 100 mA Load at 500 kHz fSW
20
10
0
–2
TIME (µs)
4.98
5.00
5.02
5.04
–1
0
1
2
X1 ON
X2 ON
Figure 34. Typical VISO Output Ripple 5 V In to 5 V Out at 400 mA Load at
500 kHz fSW
20
10
0
–2
TIME (µs)
3.28
3.30
3.32
3.34
–1
0
1
2
X2 ON
X1 ON
Figure 35. Typical VISO Output Ripple 5 V In to 3.3 V Out at 400 mA Load at
500 kHz fSW
20
10
0
–2
TIME (µs)
3.28
3.30
3.32
3.34
–1
0
1
2
X2 ON
X1 ON
Figure 36. Typical VISO Output Ripple 3.3 V In to 3.3 V Out at 250 mA Load at
500 kHz fSW
20
10
0
–2
TIME (µs)
14.6
14.8
15.0
15.2
15.4
–1
0
1
2
X2 ON
X1 ON
Figure 37. Typical VISO Output Ripple 5 V In to 15 V Out at 100 mA Load at
500 kHz fSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com