Electronic Components Datasheet Search
  English  ▼

X  

ADUM3471ARSZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADUM3471ARSZ
Description  PWM Controller and Transformer Driver with Quad-Channel Isolators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3471ARSZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADUM3471ARSZ Datasheet HTML 15Page - Analog Devices ADUM3471ARSZ Datasheet HTML 16Page - Analog Devices ADUM3471ARSZ Datasheet HTML 17Page - Analog Devices ADUM3471ARSZ Datasheet HTML 18Page - Analog Devices ADUM3471ARSZ Datasheet HTML 19Page - Analog Devices ADUM3471ARSZ Datasheet HTML 20Page - Analog Devices ADUM3471ARSZ Datasheet HTML 21Page - Analog Devices ADUM3471ARSZ Datasheet HTML 22Page - Analog Devices ADUM3471ARSZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
Rev. 0 | Page 19 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
1500
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
0
50
100
150
200
250
300
350
400
450
500
ROC (Ω)
Figure 9. Switching Frequency (fSW) vs. ROC Resistance
80
70
60
50
40
30
20
10
0
0
500
450
400
350
300
250
200
150
100
50
LOAD CURRENT (mA)
1MHz
700kHz
500kHz
200kHz
Figure 10. Typical Efficiency at 5 V In to 5 V Out at Various Switching
Frequencies with Coilcraft Transformer
80
70
60
50
40
30
20
10
0
0
500
450
400
350
300
250
200
150
100
50
LOAD CURRENT (mA)
1MHz
700kHz
500kHz
200kHz
Figure 11. Typical Efficiency at 5 V In to 5 V Out at Various Switching
Frequencies with Halo Transformer
80
70
60
50
40
30
20
10
0
05
450
400
350
300
250
200
150
100
50
LOAD CURRENT (mA)
00
–40°C
25°C
105°C
Figure 12. 5 V In to 5 V Out Efficiency over Temperature with Coilcraft
Transformer at 500 kHz fSW
80
70
60
50
40
30
20
10
0
0
500
450
400
350
300
250
200
150
100
50
LOAD CURRENT (mA)
5V IN TO 5V OUT
5V IN TO 3.3V OUT
3.3V IN TO 3.3V OUT
Figure 13. Single-Supply Efficiency with Coilcraft Transformer at 500 kHz fSW
80
70
60
50
40
30
20
10
0
0
140
90 100 110 120 130
80
70
60
50
40
30
20
10
LOAD CURRENT (mA)
1MHz
700kHz
500kHz
200kHz
Figure 14. 5 V In to 15 V Out Efficiency at Various Switching Frequencies with
Coilcraft Transformer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com