Electronic Components Datasheet Search
  English  ▼

X  

ADUM3471ARSZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADUM3471ARSZ
Description  PWM Controller and Transformer Driver with Quad-Channel Isolators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3471ARSZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADUM3471ARSZ Datasheet HTML 24Page - Analog Devices ADUM3471ARSZ Datasheet HTML 25Page - Analog Devices ADUM3471ARSZ Datasheet HTML 26Page - Analog Devices ADUM3471ARSZ Datasheet HTML 27Page - Analog Devices ADUM3471ARSZ Datasheet HTML 28Page - Analog Devices ADUM3471ARSZ Datasheet HTML 29Page - Analog Devices ADUM3471ARSZ Datasheet HTML 30Page - Analog Devices ADUM3471ARSZ Datasheet HTML 31Page - Analog Devices ADUM3471ARSZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
Rev. 0 | Page 28 of 32
Inductors must be selected based on the value and supply current
needed. Most applications with switching frequencies between
500 kHz and 1 MHz and load transients between 10% and 90%
of full load are stable with the 47 μH inductor value listed in Table 19.
Values as large as 200 μH can be used for power supply applications
with a switching frequency as low as 200 kHz to help stabilize the
output voltage or for improved load transient response (see Figure 30
to Figure 33). Inductors in a small 1212 or 1210 size are listed in
Table 19 with a 47 μH value and a 0.41 A current rating to handle the
majority of applications below a 400 mA load, and with a 100 μH
value and a 0.34 A current rating to handle a load to 300 mA.
Schottky diodes are recommended for their low forward voltage
to reduce losses and their high reverse voltage of up to 40 V to
withstand the peak voltages available in the doubling circuit
shown in Figure 39 and Figure 40.
Table 19. Recommended Components
Part Number
Manufacturer
Value
GRM32ER71A476KE15L
Murata
47 μF, 10 V, X7R,
1210
GRM32ER71C226KEA8L
Murata
22 μF, 16 V, X7R,
1210
GRM31CR71A106KA01L
Murata
10 μF, 10 V, X7R,
1206
MBR0540T1-D
ON Semiconductor
0.5 A, 40 V,
Schottky, SOD-123
LQH3NPN470MM0
Murata
47 μH, 0.41 A,
1212
ME3220-104KL
Coilcraft
100 μH, 0.34 A,
1210
PRINTED CIRCUIT BOARD (PCB) LAYOUT
Note that the total lead length between the ends of the low ESR
capacitor and the VDDx and GNDx pins must not exceed 2 mm.
Installing the bypass capacitor with traces more than 2 mm
in length can result in data corruption. See Figure 41 for the
recommended PCB layout.
X1
GND1
VDD1
X2
VREG
GND2
VDD2
FB
VIA/VOA
VOA/VIA
VIB/VOB
VIC/VOC
VOB/VIB
VOC/VIC
VID/VOD
VDDA
VOD/VID
OC
GND1
GND2
Figure 41. Recommended PCB Layout
In applications involving high common-mode transients, take
care to ensure that board coupling across the isolation barrier is
minimized. Furthermore, design the board layout such that
any coupling that does occur equally affects all pins on a given
component side. Failure to ensure this can cause voltage
differentials between pins, exceeding the absolute maximum
ratings specified in Table 10, thereby leading to latch-up and/or
permanent damage.
The ADuM347x are power devices that dissipate about 1 W of
power when fully loaded and running at maximum speed. Because
it is not possible to apply a heat sink to an isolation device, the
devices primarily depend on heat dissipation into the PCB through
the GND pins. If the devices are used at high ambient temperatures,
care must be taken to provide a thermal path from the GNDx
pins to the PCB ground plane. The board layout shows enlarged
pads for the GNDx pins (Pin 2 and Pin 10) on Side 1 and (Pin 11
and Pin 19) on Side 2. Large diameter vias should be implemented
from the pad to the ground planes and power planes to increase
thermal conductivity and to reduce inductance. Multiple vias in
the thermal pads can significantly reduce temperatures inside
the chip. The dimensions of the expanded pads are left to the
discretion of the designer and the available board space.
THERMAL ANALYSIS
The ADuM347x parts consist of two internal die attached to a
split lead frame with two die attach paddles. For the purposes of
thermal analysis, the die are treated as a thermal unit, with the
highest junction temperature reflected in the θJA from Table 5.
The value of θJA is based on measurements taken with the parts
mounted on a JEDEC standard, 4-layer board with fine width traces
and still air. Under normal operating conditions, the ADuM347x
devices operate at full load across the full temperature range
without derating the output current. However, following the
recommendations in the Printed Circuit Board (PCB) Layout
section decreases thermal resistance to the PCB, allowing
increased thermal margins in high ambient temperatures. The
ADuM347x has an thermal shutdown circuit that shuts down
the dc-to-dc converter and the outputs of the ADuM347x when
a die temperature of about 160°C is reached. When the die cools
below about 140°C, the ADuM347x dc-to-dc converter and
outputs turn on again.
PROPAGATION DELAY-RELATED PARAMETERS
Propagation delay is a parameter that describes the time it takes
a logic signal to propagate through a component (see Figure 42).
The propagation delay to a logic low output may differ from the
propagation delay to a logic high output.
INPUT (VIx)
OUTPUT (VOx)
tPLH
tPHL
50%
50%
Figure 42. Propagation Delay Parameters
Pulse width distortion is the maximum difference between these
two propagation delay values and is an indication of how
accurately the input signal timing is preserved.
Channel-to-channel matching refers to the maximum amount
the propagation delay differs between channels within a single
ADuM347x component.
Propagation delay skew refers to the maximum amount the
propagation delay differs between multiple ADuM347x
components operating under the same conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com