Electronic Components Datasheet Search
  English  ▼

X  

ADUM3471ARSZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADUM3471ARSZ
Description  PWM Controller and Transformer Driver with Quad-Channel Isolators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3471ARSZ Datasheet(HTML) 1 Page - Analog Devices

  ADUM3471ARSZ Datasheet HTML 1Page - Analog Devices ADUM3471ARSZ Datasheet HTML 2Page - Analog Devices ADUM3471ARSZ Datasheet HTML 3Page - Analog Devices ADUM3471ARSZ Datasheet HTML 4Page - Analog Devices ADUM3471ARSZ Datasheet HTML 5Page - Analog Devices ADUM3471ARSZ Datasheet HTML 6Page - Analog Devices ADUM3471ARSZ Datasheet HTML 7Page - Analog Devices ADUM3471ARSZ Datasheet HTML 8Page - Analog Devices ADUM3471ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
PWM Controller and Transformer Driver
with Quad-Channel Isolators
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Isolated PWM controller
Integrated transformer driver
Regulated adjustable output: 3.3 V to 24 V
2 W output power
70% efficiency at guaranteed load of 400 mA at 5.0 V output
Quad dc-to-25 Mbps (NRZ) signal isolation channels
20-lead SSOP package
High temperature operation: 105°C
High common-mode transient immunity: >25 kV/μs
200 kHz to 1 MHz adjustable oscillator frequency
Soft start function at power-up
Pulse-by-pulse overcurrent protection
Thermal shutdown
2500 V rms isolation
APPLICATIONS
RS-232/RS-422/RS-485 transceivers
Industrial field bus isolation
Power supply startup bias and gate drives
Isolated sensor interfaces
Process controls
GENERAL DESCRIPTION
The ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
devices1 are quad-channel, digital isolators with an integrated
PWM controller and transformer driver for an isolated dc-to-dc
converter. Based on the Analog Devices, Inc., iCoupler® technology,
the dc-to-dc converter provides up to 2 W of regulated, isolated
power at 3.3 V to 24 V from a 5.0 V input supply or from a 3.3 V
supply. This eliminates the need for a separate, isolated dc-to-dc
converter in 2 W isolated designs. The iCoupler chip-scale
transformer technology is used to isolate the logic signals, and the
integrated transformer driver with isolated secondary side control
provides higher efficiency for the isolated dc-to-dc converter.
The result is a small form factor, total isolation solution.
The ADuM347x isolators provide four independent isolation
channels in a variety of channel configurations and data rates.
(The x in ADuM347x throughout this data sheet stands for the
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474.)
FUNCTIONAL BLOCK DIAGRAMS
ADuM3470/ADuM3471/
ADuM3472/ADuM3473/
ADuM3474
CONVERTER
PRIMARY
DRIVER
PRIMARY
DATA
I/O
4CH
SECONDARY
DATA
I/O
4CH
SECONDARY
CONTROLLER
CHA
FB
T1
CHB
CHC
CHD
VDD2
OC
FB
VREG
I/OA
VCC
VDDA
VDD1
X2
X1
I/OB
I/OC
I/OD
I/OA
I/OB
I/OC
I/OD
GND1
GND2
REG
RECT
5V
VISO
Figure 1. Functional Block Diagram
ADuM3470
ADuM3471
ADuM3472
ADuM3473
ADuM3474
Figure 2. Block Diagrams of I/O Channels
1 Protected by U.S. Patents 5,952,849; 6,873,065; and 7075 329 B2. Other patents pending.


Similar Part No. - ADUM3471ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3471ARSZ AD-ADUM3471ARSZ Datasheet
793Kb / 36P
PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. B
More results

Similar Description - ADUM3471ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
Quad-Channel Digital Isolators
Rev. G
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
Quad-Channel Digital Isolators
Rev. H
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM1402 AD-ADUM1402_15 Datasheet
578Kb / 32P
Quad-Channel Digital Isolators
Rev. I
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
Quad-Channel Digital Isolators
Rev. E
ADUM3470 AD-ADUM3470_V01 Datasheet
793Kb / 36P
PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com