Electronic Components Datasheet Search
  English  ▼

X  

ADUM3471ARSZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADUM3471ARSZ
Description  PWM Controller and Transformer Driver with Quad-Channel Isolators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3471ARSZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADUM3471ARSZ Datasheet HTML 21Page - Analog Devices ADUM3471ARSZ Datasheet HTML 22Page - Analog Devices ADUM3471ARSZ Datasheet HTML 23Page - Analog Devices ADUM3471ARSZ Datasheet HTML 24Page - Analog Devices ADUM3471ARSZ Datasheet HTML 25Page - Analog Devices ADUM3471ARSZ Datasheet HTML 26Page - Analog Devices ADUM3471ARSZ Datasheet HTML 27Page - Analog Devices ADUM3471ARSZ Datasheet HTML 28Page - Analog Devices ADUM3471ARSZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
Rev. 0 | Page 25 of 32
APPLICATIONS INFORMATION
THEORY OF OPERATION
The dc-to-dc converter section of the ADuM347x uses a secondary
side controller architecture with isolated pulse-width modulation
(PWM) feedback. VCC power is supplied to an oscillating circuit
that switches current to the primary of an external power trans-
former using internal push-pull switches at the X1 and X2 pins.
Power transferred to the secondary side of the transformer is
full-wave rectified with external Schottky diodes (D1 and D2),
filtered with the L1 inductor and COUT capacitor, and regulated
to the isolated power supply voltage from 3.3 V to 15 V. The
secondary (VISO) side controller regulates the output by using a
feedback voltage VFB from a resistor divider on the output and
creating a PWM control signal that is sent to the primary (VCC)
side by a dedicated iCoupler data channel labeled VFB. The primary
side PWM converter varies the duty cycle of the X1 and X2 switches
to modulate the oscillator circuit and control the power being
sent to the secondary side. This feedback allows for significantly
higher power and efficiency.
The ADuM347x implement undervoltage lockout (UVLO) with
hysteresis on the VCC power input. This feature ensures that the
converter does not go into oscillation due to noisy input power or
slow power-on ramp rates.
A minimum load current of 10 mA is recommended to ensure
optimum load regulation. Smaller loads can generate excess noise
on the output due to short or erratic PWM pulses. Excess noise
generated this way can cause regulation problems, in some
circumstances.
APPLICATION SCHEMATICS
The ADuM347x has three main application schematics, as shown
in Figure 38 to Figure 40. Figure 38 has a center-tapped secondary
and two Schottky diodes providing full wave rectification for a
single output, typically for power supplies of 3.3 V, 5 V, 12 V, and
15 V. For single supplies when VISO = 3.3 V or VISO = 5 V, see the
note in Figure 38 about connecting together VREG, VDD2, and VISO.
Figure 39 is a voltage doubling circuit that can be used for a single
supply whose output exceeds 15 V, which is the largest supply that
can be connected to the regulator input VREG (Pin 20) of the part.
With Figure 39, the output voltage can be as high as 24 V and
the VREG pin only about 12 V. Figure 40, which also uses a voltage
doubling secondary circuit, is shown as an example of a coarsely
regulated, positive power supply and an unregulated, negative
power supply, for outputs of approximately ±5 V, ±12 V, and ±15 V.
For any circuit in Figure 38, Figure 39, or Figure 40, the isolated
output voltage (VISO) can be set using the voltage dividers, R1
and R2 (values 1 kΩ to 100 kΩ), in the application schematics
using the following equation:
R2
R2
R1
V
V
FB
ISO
+
×
=
where VFB is the internal feedback voltage, which is
approximately 1.25 V.
ADuM3470/
ADuM3471/
ADuM3472/
ADuM3473/
ADuM3474
1 X1
2 GND1
3 VDD1
4 X2
5 I/OA
6 I/OB
7 I/OC
8 I/OD
9 VDDA
10 GND1
20 VREG
19 GND2
18 VDD2
17 FB
16 I/OA
15 I/OB
14 I/OC
13 I/OD
12 OC
11 GND2
D1
T1
L1
COUT
D2
VCC
VCC
0.1µF
CIN
0.1µF
+5V
R1
R2
ROC
VFB
VISO = VFB × (R1+R2)/R2
FOR VISO = 3.3V OR 5V CONNECT VREG, VDD2,AND VISO.
VISO =
+3.3V
TO +15V
47µF
47µH
100k
Ω
Figure 38. Single Power Supply
ADuM3470/
ADuM3471/
ADuM3472/
ADuM3473/
ADuM3474
1 X1
2 GND1
3 VDD1
4 X2
5 I/OA
6 I/OB
7 I/OC
8 I/OD
9 VDDA
10 GND1
20 VREG
19 GND2
18 VDD2
17 FB
16 I/OA
15 I/OB
14 I/OC
13 I/OD
12 OC
11 GND2
D1
T1
L1
L2
COUT1
COUT2
D2
D3
D4
VCC
VCC
0.1µF
CIN
0.1µF
+5V
R1
R2
VFB
ROC
VISO = VFB × (R1 + R2)/R2
FOR VISO = 15V OR LESS, VREG CAN CONNECT TO VISO.
VISO =
+12V TO
+24V
UNREGULATED
+6V TO
+12V
100k
Ω
47µH
47µH
47µF
47µF
Figure 39. Doubling Power Supply
ADuM3470/
ADuM3471/
ADuM3472/
ADuM3473/
ADuM3474
1 X1
2 GND1
3 VDD1
4 X2
5 I/OA
6 I/OB
7 I/OC
8 I/OD
9 VDDA
10 GND1
20 VREG
19 GND2
18 VDD2
17 FB
16 I/OA
15 I/OB
14 I/OC
13 I/OD
12 OC
11 GND2
D1
T1
L1
L2
COUT1
COUT2
D2
D3
D4
VCC
VCC
0.1µF
CIN
0.1µF
+5V
R1
R2
ROC
VFB
VISO = VFB × (R1 + R2)R2
VISO =
COARSELY
REGULATED
+5V TO 15V
UNREGULATED
–5V TO –15V
47µF
47µH
47µH
47µF
100k
Ω
Figure 40. Positive and Unregulated Negative Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com